Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCPW223FV1 Datasheet(PDF) 3 Page - World Produts Inc.

Part # PCPW223FV1
Description  Low inductive wound cell of metalized(PET) film
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCPW223FV1 Datasheet(HTML) 3 Page - World Produts Inc.

  PCPW223FV1 Datasheet HTML 1Page - World Produts Inc. PCPW223FV1 Datasheet HTML 2Page - World Produts Inc. PCPW223FV1 Datasheet HTML 3Page - World Produts Inc. PCPW223FV1 Datasheet HTML 4Page - World Produts Inc. PCPW223FV1 Datasheet HTML 5Page - World Produts Inc. PCPW223FV1 Datasheet HTML 6Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Pilkor components
Metallized Polyester
PCPW 223
film capacitors
319
VRdc = 35 V
CATALOGUE NUMBER
PCPW 223……
loose in box
lt= 25.0 ± 2.0 mm
Cap.
(㎌)
bmax. x hmax. x lmax.
(mm)
Mass
(g)
C – tol. ± 10%
Pitch = 15.0 ± 0.4 mm
dt = 0.8 + 0.08 / -0.05 mm
4.7
8.5 x 15.0 x 18.0
3.1
FV2475
5.6
10.0 x 16.5 x 18.0
-
FV2565
6.8
10.0 x 16.5 x 18.0
-
FV2685
8.2
11.0 x 18.5 x 18.0
-
FV2825
9.4
11.0 x 18.5 x 18.0
4.9
FV2945
Pitch = 20.0 ± 0.4 mm
dt = 0.8 + 0.08 / -0.05 mm
19.0
11.0 x 22.5 x 23.5
7.5
HV2196
Pitch = 22.5 ± 0.4 mm
dt = 0.8 + 0.08 / -0.05 mm
19.0
12.5 x 23.0 x 26.0
9.2
JV2196
22.0
13.0 x 23.0 x 26.0
9.9
JV2226



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com