Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMP372LU7 Datasheet(PDF) 8 Page - World Produts Inc.

Part # PCMP372LU7
Description  Self-healing properties
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP372LU7 Datasheet(HTML) 8 Page - World Produts Inc.

  PCMP372LU7 Datasheet HTML 1Page - World Produts Inc. PCMP372LU7 Datasheet HTML 2Page - World Produts Inc. PCMP372LU7 Datasheet HTML 3Page - World Produts Inc. PCMP372LU7 Datasheet HTML 4Page - World Produts Inc. PCMP372LU7 Datasheet HTML 5Page - World Produts Inc. PCMP372LU7 Datasheet HTML 6Page - World Produts Inc. PCMP372LU7 Datasheet HTML 7Page - World Produts Inc. PCMP372LU7 Datasheet HTML 8Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Pilkor components
PFC Input Capacitors
PCMP 372
Metallized Polypropylene film capacitors
(MPP)
264
PRODUCT MARKING
The capacitors are marked with the following informations :
. Rated capacitance in code according to IEC 60062 ( 680n ; 680nF )
. Tolerance on rated capacitance ( J : ±5%, K : ±10% )
. Rated DC voltage ( 630V )
. Manufacturer's mark ( PILKOR )
. Manufacturer's type designation ( 372 )
. Code for dielectric material ( MKP )
. Date code number ( WK.… )
Example of marking
Pitch = 10.0mm
Marking on the side
Pitch = 15.0mm
Marking on the top
Marking on the side
Pitch = 22.5mm or 27.5mm
Marking on the top
Marking on the side
or
Marking on the top
Pitch = 27.5mm
Marking on the top
680n K 630V
372
MKP
PILKOR
WK....
680n K 630V PILKOR
372
MKP
WK....
470n K 630V
372
MKP
PILKOR
WK....
220n K 450V
372 MKP ….
PILKOR
2u2 K 630V
372 MKP ….
PILKOR



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com