Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMP489D42 Datasheet(PDF) 2 Page - World Produts Inc.

Part # PCMP489D42
Description  Low contact resistance
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP489D42 Datasheet(HTML) 2 Page - World Produts Inc.

  PCMP489D42 Datasheet HTML 1Page - World Produts Inc. PCMP489D42 Datasheet HTML 2Page - World Produts Inc. PCMP489D42 Datasheet HTML 3Page - World Produts Inc. PCMP489D42 Datasheet HTML 4Page - World Produts Inc. PCMP489D42 Datasheet HTML 5Page - World Produts Inc. PCMP489D42 Datasheet HTML 6Page - World Produts Inc. PCMP489D42 Datasheet HTML 7Page - World Produts Inc. PCMP489D42 Datasheet HTML 8Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Pilkor components
Metallized Polypropylene
PCMP 489
film capacitors
224
Ordering Information
* Reduced pitch (Reduced lead spacings)
Available versions
Product (Wmax)
13.0
18.0
26.0
Code
Packing
method
C-tol.
Lead
Figure
Lead length &
Height
Hole
to hole
( P0 )
Pitch (P)
1
Loose in box
±5%
J
lt= 4.5±0.5mm
-
10.0
15.0
22.5
2
Loose in box
±5%
Y
lt= 4.5±0.5mm
-
7.5(*)
7.5(*)
-
6
Loose in box
±5%
J
lt= 4.5±0.5mm
-
-
-
20.0
7
Loose in box
±5%
A
lt= 20.0mm(min.)
-
10.0
15.0
22.5
A
Ammo packing
±5%
F
H0=16.0㎜
15.0mm
7.5(*)
7.5(*)
-
PCMP 489 X X X X X X
Type series
Capacitance
Code
Voltage
4
250V
5
400V
6
630V
Code
Pitch
D
10.0mm
F
15.0mm
J
22.5mm
Tmax
dt
4.8±1.3㎜
< Figure Y >
Hmax
lt
P
Wmax
< Figure J >
lt
P
Wmax
Hmax
4.8±1.3㎜
< Figure F >
F
H0
P0
Wmax
Hmax
4.8±1.3㎜
< Figure A >
1.5max
Hmax
lt
Wmax
P±1.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com