Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMP389F4A Datasheet(PDF) 7 Page - World Produts Inc.

Part # PCMP389F4A
Description  Low loss dielectric
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP389F4A Datasheet(HTML) 7 Page - World Produts Inc.

Back Button PCMP389F4A Datasheet HTML 3Page - World Produts Inc. PCMP389F4A Datasheet HTML 4Page - World Produts Inc. PCMP389F4A Datasheet HTML 5Page - World Produts Inc. PCMP389F4A Datasheet HTML 6Page - World Produts Inc. PCMP389F4A Datasheet HTML 7Page - World Produts Inc. PCMP389F4A Datasheet HTML 8Page - World Produts Inc. PCMP389F4A Datasheet HTML 9Page - World Produts Inc. PCMP389F4A Datasheet HTML 10Page - World Produts Inc. PCMP389F4A Datasheet HTML 11Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Pilkor components
AC and Pulse
PCMP 389
Metallized Polypropylene film capacitors
159
VRdc = 400 V
VRac = 200 V
~
Vp-p = 560 V
CATALOGUE NUMBER
PCMP 389 .....
loose in box
ammo packing
lt = 5.0 ± 1.0 mm
H = 18.5 mm
Cap
(㎌)
b x h x l
(mm)
Mass
(g)
C – tol. ± 5%
C – tol. ± 5%
Pitch = 27.5
± 0.4 mm
dt = 0.8 mm ( + 0.08 / - 0.05)
0.51
0.56
0.62
0.68
0.75
0.82
11.0 X 21.0 X 31.0
8.2
PCMP 389L52514
PCMP 389L52564
PCMP 389L52624
PCMP 389 52684
PCMP 389 52754
PCMP 389 52824
-
-
-
-
-
-
0.91
1.0
1.1
13.0 X 23.0 X 31.0
10.4
PCMP 389 52914
PCMP 389 52105
PCMP 389 52115
-
-
-
1.2
1.3
1.5
15.0 X 25.0 X 31.0
12.8
PCMP 389 52125
PCMP 389 52135
PCMP 389 52155
-
-
-
1.6
1.8
2.0
18.0 X 28.0 X 31.0
17.2
PCMP 389 52165
PCMP 389 52185
PCMP 389 52205
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com