Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCPW223FV2 Datasheet(PDF) 5 Page - World Produts Inc.

Part # PCPW223FV2
Description  Low inductive wound cell of metalized(PET) film
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCPW223FV2 Datasheet(HTML) 5 Page - World Produts Inc.

  PCPW223FV2 Datasheet HTML 1Page - World Produts Inc. PCPW223FV2 Datasheet HTML 2Page - World Produts Inc. PCPW223FV2 Datasheet HTML 3Page - World Produts Inc. PCPW223FV2 Datasheet HTML 4Page - World Produts Inc. PCPW223FV2 Datasheet HTML 5Page - World Produts Inc. PCPW223FV2 Datasheet HTML 6Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Pilkor components
Metallized Polyester
PCPW 223
film capacitors
321
CHARACTERISTICS
●
Impedance & ESR as a function of frequency[Hz]
●
Rated Voltage Pulse Load Slope(dV/dt)R
. For values see specific reference data. IF the pulse voltage is lower than the rated voltage, values
of the specific reference data must be multiplied by VRdc and divided by the applied voltage
MAXIMUM RATED VOLTAGE PULSE SLOPE (V/㎲)
Rated voltage
P = 15.0 mm
P = 20.0 mm
P = 22.5mm
35V
9.2
9.2
3.0
●
Maximum DC voltage & self heating temp. as a function of ambient temperature
●
Maximum permissible current(Tamb.< 85℃) or Voltage(Vrms) as a function of frequency
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
Te mp e ratu re [℃ ]
0
2
4
6
8
10
12
-40
-20
0
20406080
100
T e mp era ture[℃ ]
0.0
0.1
1.0
10.0
100
1000
10000
100000
1000000
Frequency[Hz ]
P15.0 4.7uF
P15.0 9.4uF
P20/22.5 19uF
P22.5 22uF
0
1
10
100
100
1000
10000
100000
1000000
Frequency [Hz]
P15.0 4.7uF
P15.0 9.4uF
P20.0/22.5 19uF
P22.5 22uF
0.001
0.01
0.1
1
10
100
1000
100
1000
10000
100000
1000000
Fr e qu e n c y [Hz ]
P15.0 4.7uF
P15.0 9.4uF
P20.0 19uF
P22.5 19uF
P22.5 22uF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com