Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMP489D52 Datasheet(PDF) 3 Page - World Produts Inc.

Part # PCMP489D52
Description  Low contact resistance
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP489D52 Datasheet(HTML) 3 Page - World Produts Inc.

  PCMP489D52 Datasheet HTML 1Page - World Produts Inc. PCMP489D52 Datasheet HTML 2Page - World Produts Inc. PCMP489D52 Datasheet HTML 3Page - World Produts Inc. PCMP489D52 Datasheet HTML 4Page - World Produts Inc. PCMP489D52 Datasheet HTML 5Page - World Produts Inc. PCMP489D52 Datasheet HTML 6Page - World Produts Inc. PCMP489D52 Datasheet HTML 7Page - World Produts Inc. PCMP489D52 Datasheet HTML 8Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Pilkor components
Metallized Polypropylene
PCMP 489
film capacitors
225
VRdc = 250 V
CATALOGUE NUMBER
PCMP 489……
Figure Y
Figure J
Pitch = 7.5mm
lt= 4.5 ± 0.5 mm
Pitch = 20.0mm
lt= 4.5 ± 0.5 mm
Cap.
(㎌)
Wmax x Hmax x Tmax
(mm)
Mass
(g)
C – tol. ± 5%
C – tol. ± 5%
Original Pitch = 10.0 ± 0.8 mm
dt = 0.6 + 0.06 / -0.05 mm
0.091
13.0 x 11.0 x 6.0
PCMP 489D42913
-
0.10
13.0 x 11.0 x 6.0
PCMP 489D42104
-
0.11
13.0 x 11.5 x 6.5
PCMP 489D42114
-
0.12
13.0 x 11.5 x 6.5
PCMP 489D42124
-
0.13
13.0 x 12.0 x 7.0
PCMP 489D42134
-
0.15
13.0 x 12.5 x 7.5
PCMP 489D42154
-
0.16
13.0 x 12.5 x 7.5
PCMP 489D42164
-
0.18
13.0 x 13.0 x 8.0
PCMP 489D42184
-
Original Pitch = 15.0 ± 0.8 mm
dt = 0.8 + 0.08 / -0.05 mm
0.20
18.0 x 11.5 x 6.5
PCMP 489F42204
-
0.22
18.0 x 11.5 x 6.5
PCMP 489F42224
-
0.24
18.0 x 12.0 x 7.0
PCMP 489F42244
-
0.27
18.0 x 12.5 x 7.5
PCMP 489F42274
-
0.30
18.0 x 12.5 x 7.5
PCMP 489F42304
-
0.33
18.0 x 13.0 x 8.0
PCMP 489F42334
-
0.36
18.0 x 13.0 x 8.0
PCMP 489F42364
-
0.39
18.0 x 13.5 x 8.5
PCMP 489F42394
-
0.43
18.0 x 14.0 x 9.0
PCMP 489F42434
-
0.47
18.0 x 14.0 x 9.0
PCMP 489F42474
-
0.51
18.0 x 14.5 x 9.5
PCMP 489F42514
-
0.56
18.0 x 16.0 x 9.5
PCMP 489F42564
-
0.62
18.0 x 16.5 x 10.0
PCMP 489F42624
-
0.68
18.0 x 17.0 x 10.5
PCMP 489F42684
-
0.75
18.0 x 17.5 x 11.0
PCMP 489F42754
-
0.82
18.0 x 18.0 x 11.5
PCMP 489F42824
-
0.91
18.0 x 18.5 x 12.0
PCMP 489F42914
-
1.0
18.0 x 19.0 x 12.5
PCMP 489F42105
-
Original Pitch = 22.5 ± 0.8 mm
dt = 0.8 + 0.08 / -0.05 mm
0.39
26.0 x 13.5 x 7.0
-
PCMP 489J46394
0.43
26.0 x 14.0 x 7.5
-
PCMP 489J46434
0.47
26.0 x 14.0 x 7.5
-
PCMP 489J46474
0.51
26.0 x 14.5 x 8.0
-
PCMP 489J46514
0.56
26.0 x 15.0 x 8.5
-
PCMP 489J46564
0.62
26.0 x 15.5 x 9.0
-
PCMP 489J46624
0.68
26.0 x 16.0 x 9.5
-
PCMP 489J46684
0.75
26.0 x 16.5 x 10.0
-
PCMP 489J46754
0.82
26.0 x 17.0 x 10.5
-
PCMP 489J46824
0.91
26.0 x 17.5 x 11.0
-
PCMP 489J46914
1.0
26.0 x 18.0 x 11.5
-
PCMP 489J46105



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com