Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMP389F5A Datasheet(PDF) 3 Page - World Produts Inc.

Part # PCMP389F5A
Description  Low loss dielectric
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP389F5A Datasheet(HTML) 3 Page - World Produts Inc.

  PCMP389F5A Datasheet HTML 1Page - World Produts Inc. PCMP389F5A Datasheet HTML 2Page - World Produts Inc. PCMP389F5A Datasheet HTML 3Page - World Produts Inc. PCMP389F5A Datasheet HTML 4Page - World Produts Inc. PCMP389F5A Datasheet HTML 5Page - World Produts Inc. PCMP389F5A Datasheet HTML 6Page - World Produts Inc. PCMP389F5A Datasheet HTML 7Page - World Produts Inc. PCMP389F5A Datasheet HTML 8Page - World Produts Inc. PCMP389F5A Datasheet HTML 9Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Pilkor components
AC and Pulse
PCMP 389
Metallized Polypropylene film capacitors
155
Packing Information
Loose in box
Ammo packing
SMALLEST PACKING QUANTITIES
( SPQ )
lt = 5.0±1.0mm
H=18.5mm
DIMENSIONS
SPQ
SPQ
4.0 x 10.0 x 12.5
5.0 x 11.0 x 12.5
6.0 x 12.0 x 12.5
2000
1500
1000
800
700
600
5.0 x 11.0 x 18.0
6.0 x 12.0 x 18.0
7.0 x 13.5 x 18.0
8.5 x 15.0 x 18.0
10.0 x 16.5 x 18.0
1000
1000
1000
1000
1000
700
600
500
400
370
6.0 x 15.5 x 26.0
7.0 x 16.5 x 26.0
8.5 x 18.0 x 26.0
10.0 x 19.5 x 26.0
1000
1000
500
500
600
500
400
370
11.0 x 21.0 x 31.0
13.0 x 23.0 x 31.0
15.0 x 25.0 x 31.0
18.0 x 28.0 x 31.0
500
250
250
200
300
250
220
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com