Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMP489F62 Datasheet(PDF) 4 Page - World Produts Inc.

Part # PCMP489F62
Description  Low contact resistance
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP489F62 Datasheet(HTML) 4 Page - World Produts Inc.

  PCMP489F62 Datasheet HTML 1Page - World Produts Inc. PCMP489F62 Datasheet HTML 2Page - World Produts Inc. PCMP489F62 Datasheet HTML 3Page - World Produts Inc. PCMP489F62 Datasheet HTML 4Page - World Produts Inc. PCMP489F62 Datasheet HTML 5Page - World Produts Inc. PCMP489F62 Datasheet HTML 6Page - World Produts Inc. PCMP489F62 Datasheet HTML 7Page - World Produts Inc. PCMP489F62 Datasheet HTML 8Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Pilkor components
Metallized Polypropylene
PCMP 489
film capacitors
226
VRdc = 400 V
CATALOGUE NUMBER
PCMP 489……
Figure Y
Figure J
Pitch = 7.5mm
lt= 4.5 ± 0.5 mm
Pitch = 20.0mm
lt= 4.5 ± 0.5 mm
Cap.
(㎌)
Wmax x Hmax x Tmax
(mm)
Mass
(g)
C – tol. ± 5%
C – tol. ± 5%
Original Pitch = 10.0 ± 0.8 mm
dt = 0.6 + 0.06 / -0.05 mm
0.051
13.0 x 11.5 x 6.5
PCMP 489D52513
-
0.056
13.0 x 11.5 x 6.5
PCMP 489D52563
-
0.062
13.0 x 12.0 x 7.0
PCMP 489D52623
-
0.068
13.0 x 12.5 x 7.5
PCMP 489D52683
-
0.075
13.0 x 12.5 x 7.5
PCMP 489D52753
-
0.082
13.0 x 13.0 x 8.0
PCMP 489D52823
-
0.091
13.0 x 13.0 x 8.0
PCMP 489D52913
-
0.10
13.0 x 13.5 x 8.5
PCMP 489D52104
-
Original Pitch = 15.0 ± 0.8 mm
dt = 0.8 + 0.08 / -0.05 mm
0.12
18.0 x 12.0 x 7.0
PCMP 489F52124
-
0.13
18.0 x 12.0 x 7.0
PCMP 489F52134
-
0.15
18.0 x 13.0 x 7.5
PCMP 489F52154
-
0.16
18.0 x 13.0 x 7.5
PCMP 489F52164
-
0.18
18.0 x 13.0 x 8.0
PCMP 489F52184
-
0.20
18.0 x 13.5 x 8.5
PCMP 489F52204
-
Original Pitch = 22.5 ± 0.8 mm
dt = 0.8 + 0.08 / -0.05 mm
0.22
26.0 x 14.0 x 7.5
-
PCMP 489J56224
0.24
26.0 x 14.0 x 7.5
-
PCMP 489J56244
0.27
26.0 x 14.5 x 8.0
-
PCMP 489J56274
0.30
26.0 x 15.0 x 8.5
-
PCMP 489J56304
0.33
26.0 x 16.0 x 9.0
-
PCMP 489J56334
0.36
26.0 x 16.5 x 9.0
-
PCMP 489J56364
0.39
26.0 x 17.0 x 9.0
-
PCMP 489J56394
0.43
26.0 x 17.5 x 9.5
-
PCMP 489J56434
0.47
26.0 x 18.0 x 10.0
-
PCMP 489J56474
0.51
26.0 x 18.5 x 10.5
-
PCMP 489J56514
0.56
26.0 x 19.0 x 11.0
-
PCMP 489J56564
0.62
26.0 x 20.0 x 11.5
-
PCMP 489J56624
0.68
26.0 x 20.0 x 12.0
-
PCMP 489J56684
0.75
26.0 x 20.5 x 12.5
-
PCMP 489J56754
0.82
26.0 x 21.5 x 13.0
-
PCMP 489J56824



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com