Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCPW225LA2 Datasheet(PDF) 6 Page - World Produts Inc.

Part # PCPW225LA2
Description  High ripple current
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCPW225LA2 Datasheet(HTML) 6 Page - World Produts Inc.

  PCPW225LA2 Datasheet HTML 1Page - World Produts Inc. PCPW225LA2 Datasheet HTML 2Page - World Produts Inc. PCPW225LA2 Datasheet HTML 3Page - World Produts Inc. PCPW225LA2 Datasheet HTML 4Page - World Produts Inc. PCPW225LA2 Datasheet HTML 5Page - World Produts Inc. PCPW225LA2 Datasheet HTML 6Page - World Produts Inc. PCPW225LA2 Datasheet HTML 7Page - World Produts Inc. PCPW225LA2 Datasheet HTML 8Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Pilkor components
Metallized Polypropylene Film Capacitors
PCPW 225
( Switching Application )
304
THE GRAPHS OF CHARACTERISTICS
Capacitance change vs. Frequency
10.0uF
5.6uF
3.9uF
2.0uF
Capacitance change vs. Temp
ESR vs. Frequency
Impedance vs. Frequency
2.0uF
3.9uF
5.6uF
10.0uF
2.0uF
3.9uF
5.6uF
10.0uF
Allowed temperature rise vs. Temp
Insulation resistance vs. Temp



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com