Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCRC420 Datasheet(PDF) 2 Page - World Produts Inc.

Part # PCRC420
Description  Supplied loose in box and taped in ammopack
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCRC420 Datasheet(HTML) 2 Page - World Produts Inc.

  PCRC420 Datasheet HTML 1Page - World Produts Inc. PCRC420 Datasheet HTML 2Page - World Produts Inc. PCRC420 Datasheet HTML 3Page - World Produts Inc. PCRC420 Datasheet HTML 4Page - World Produts Inc. PCRC420 Datasheet HTML 5Page - World Produts Inc. PCRC420 Datasheet HTML 6Page - World Produts Inc. PCRC420 Datasheet HTML 7Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Pilkor components
EMI Suppression
PCRC 420
film capacitors (RC unit)
148
Ordering Information
code Packing method
Lead configuration
C – tol, R - tol
12NC**
1
Loose in box
lt = 4.0 ± 1.0mm
C-tol ±20% & R-tol ±10%
PCRC 420 x1xxx
2
Loose in box
20 < lt ≤ 25mm
C-tol ±20% & R-tol ±10%
PCRC 420 x2xxx
3
Ammopack
H = 18.5 mm / P0=12.7mm
C-tol ±20% & R-tol ±10%
PCRC 420 x3xxx
4
Ammopack
H = 18.5 mm / P0=15.0mm
C-tol ±20% & R-tol ±10%
PCRC 420 x4xxx
** Some values do not follow coding rule.
Capacitance
PCRC 420
X
X
XXX
Type series
code
Resistance
1
22Ω
2
47Ω
3
120Ω
d1
d2
h
l
lt
P
l
P0
h
H
b
dt



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com