Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMP489D66 Datasheet(PDF) 8 Page - World Produts Inc.

Part # PCMP489D66
Description  Low contact resistance
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP489D66 Datasheet(HTML) 8 Page - World Produts Inc.

  PCMP489D66 Datasheet HTML 1Page - World Produts Inc. PCMP489D66 Datasheet HTML 2Page - World Produts Inc. PCMP489D66 Datasheet HTML 3Page - World Produts Inc. PCMP489D66 Datasheet HTML 4Page - World Produts Inc. PCMP489D66 Datasheet HTML 5Page - World Produts Inc. PCMP489D66 Datasheet HTML 6Page - World Produts Inc. PCMP489D66 Datasheet HTML 7Page - World Produts Inc. PCMP489D66 Datasheet HTML 8Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Pilkor components
Metallized Polypropylene
PCMP 489
film capacitors
230
PRODUCT MARKING
The capacitors are marked on the side in black ink with the following information :
. Rated capacitance in code according to IEC 60062(154)
. Tolerance on rated capacitance (H:±3%, J :±5%, K :±10%)
. Rated DC voltage(400)
. Product type(P489)
. Code for dielectric material(MPP)
. Batch number code(1343072)
Example of marking
154J 400
P489 MPP
1343072



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com