Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCRC42021 Datasheet(PDF) 1 Page - World Produts Inc.

Part # PCRC42021
Description  Supplied loose in box and taped in ammopack
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCRC42021 Datasheet(HTML) 1 Page - World Produts Inc.

  PCRC42021 Datasheet HTML 1Page - World Produts Inc. PCRC42021 Datasheet HTML 2Page - World Produts Inc. PCRC42021 Datasheet HTML 3Page - World Produts Inc. PCRC42021 Datasheet HTML 4Page - World Produts Inc. PCRC42021 Datasheet HTML 5Page - World Produts Inc. PCRC42021 Datasheet HTML 6Page - World Produts Inc. PCRC42021 Datasheet HTML 7Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Pilkor components
EMI Suppression
PCRC 420
film capacitors (RC unit)
147
MKP RADIAL POTTED CAPACITORS
Pitch 15.0/17.5 mm
P = 15.0 / 17.5mm
QUICK REFERENCE DATA
Capacitance value
Capacitance tolerance
Resistance value
Resistance tolerance
Rated (AC) voltage 50 to 60 Hz
Climatic category
Temperature range
Reference IEC specification
Safety approvals
Potting & Encapsulation material
Safety class
0.033, 0.047, 0.068, 0.1, 0.15, 0.22
㎌
±20%
22
Ω, 47Ω, 120Ω
±10%
250 V
~
40/085/21
-40℃ ~ +85℃
IEC 60384-14
UL60384-14 & CSA E60384-14:09(cUL)
VDE, EK
Qualified in accordance with UL 94V-0
X2
FEATURES
. 15.0mm, 17.5mm lead pitch
. Supplied loose in box and taped in
ammopack
. Consist of a low-inductive wound
cell of metalized polypropylene film and
carbon composition resistor, potted in a
flame retardant case
APPLICATIONS
. For X2 – electromagnetic
Interference suppression
. Spark quenching
. Noise suppression
• Please refer to caution and warning at http://www.pilkor.co.kr/download/Introductions.pdf
before using these products.


Similar Part No. - PCRC42021

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
PCR WELWYN-PCR Datasheet
98Kb / 2P
Precision Thick Film Surface Mounted Resistors
logo
Riedon Powertron
PCR RIEDON-PCR Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
logo
TT Electronics.
PCR TTELEC-PCR Datasheet
362Kb / 3P
Termination available for wire bonding or soldering
logo
Nichicon corporation
PCR NICHICON-PCR Datasheet
1Mb / 2P
Chip Type, High Reliability
logo
Littelfuse
PCR LITTELFUSE-PCR Datasheet
319Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
More results

Similar Description - PCRC42021

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65805-P EPCOS-B65805-P Datasheet
89Kb / 2P
RM cores are supplied in sets
B65808N1005D002 EPCOS-B65808N1005D002 Datasheet
344Kb / 13P
RM cores are supplied in sets
B65807-P EPCOS-B65807-P Datasheet
90Kb / 2P
RM cores are supplied in sets
logo
Japan Aviation Electron...
HB01S06K4P2 JAE-HB01S06K4P2 Datasheet
347Kb / 1P
THESE CONTACTS ARE SUPPLIED IN REEL.
HB01S25H3P1 JAE-HB01S25H3P1 Datasheet
345Kb / 1P
THESE CONTACTS ARE SUPPLIED IN REEL.
logo
Laird Tech Smart Techno...
CM2824E182R-10 LSTD-CM2824E182R-10 Datasheet
243Kb / 1P
TAPED AND
logo
World Produts Inc.
PCMT468 WPI-PCMT468 Datasheet
284Kb / 13P
Supplied loose in box and ammopack
PCX1331 WPI-PCX1331 Datasheet
233Kb / 7P
Supplied loose in box and taped on reel
PCX2347 WPI-PCX2347 Datasheet
251Kb / 6P
Supplied loose in box and taped on reel
logo
OSA Opto Light GmbH
OLS-152SYG OSA-OLS-152SYG Datasheet
230Kb / 7P
taped in 8 mm blister tape
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com