Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCRC42012 Datasheet(PDF) 7 Page - World Produts Inc.

Part # PCRC42012
Description  Supplied loose in box and taped in ammopack
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCRC42012 Datasheet(HTML) 7 Page - World Produts Inc.

  PCRC42012 Datasheet HTML 1Page - World Produts Inc. PCRC42012 Datasheet HTML 2Page - World Produts Inc. PCRC42012 Datasheet HTML 3Page - World Produts Inc. PCRC42012 Datasheet HTML 4Page - World Produts Inc. PCRC42012 Datasheet HTML 5Page - World Produts Inc. PCRC42012 Datasheet HTML 6Page - World Produts Inc. PCRC42012 Datasheet HTML 7Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Pilkor components
EMI Suppression
PCRC 420
film capacitors (RC unit)
153
TEMPERATURE
- Storage temperature : Tstg = - 25 to + 40℃ with RH maximum 80% without condensation.
VOLTAGE
- Test voltage between leads, 100% on line for 1 second : for all value ; 2200V (DC)
- Test voltage between interconnected leads and case (foil method) : 2050V (AC).
DISSIPATION FACTOR
The dissipation factor is measured at 1㎑
INSULATION RESISTANCE
The insulation resistance is measured after a voltage of 100±15 V has been applied for
1 minute ±5 seconds at Tamb = 20℃.
- R between leads for all value : > 30 000 ㏁.
- R between interconnected leads and case (foil method) : > 30 000 ㏁.
PRODUCT MARKING
Capacitors are marked with following information;
1.Manufacturer (PILKOR)
2.Manufacturer's type designation (PCRC 420 )
3.Rated capacitance
4.Rated (AC) voltage (250V
~)
5.Sub class (X2)
6.Tolerance on rated capacitance M = ±20 % K = ±10 %
7.Climatic category (40/085/21)
8.Code for dielectric material (MKP)
9.Resistance value (Ω)
10.Year and week of manufacturing (e.g. WK1301)
11.Safety approvals
Example of marking
Pitch P = 15.0 / 17.5mm, all value
100n M + 120Ω K
PCRC 420 250V~ X2
40/085/21
MKP
PILKOR WK1401
Marking on the side



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com