Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCRC42013 Datasheet(PDF) 3 Page - World Produts Inc.

Part # PCRC42013
Description  Supplied loose in box and taped in ammopack
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCRC42013 Datasheet(HTML) 3 Page - World Produts Inc.

  PCRC42013 Datasheet HTML 1Page - World Produts Inc. PCRC42013 Datasheet HTML 2Page - World Produts Inc. PCRC42013 Datasheet HTML 3Page - World Produts Inc. PCRC42013 Datasheet HTML 4Page - World Produts Inc. PCRC42013 Datasheet HTML 5Page - World Produts Inc. PCRC42013 Datasheet HTML 6Page - World Produts Inc. PCRC42013 Datasheet HTML 7Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Pilkor components
EMI Suppression
PCRC 420
film capacitors (RC unit)
149
SAFETY APPROVALS
SAFETY APPROVALS
Voltage
Value
File Number
UL 60384-14 &
CSA E60384-14:09(cUL)
250V(AC)
33nF to 220nF + 22Ω, 47Ω, 120Ω
E165646
VDE
250V(AC)
33nF to 220nF + 22Ω, 47Ω, 120Ω
120831
EK
250V(AC)
33nF to 220nF + 22Ω, 47Ω, 120Ω
SH03001-2004
Packaging Information
SMALLEST PACKING QUANTITIES
(SPQ)
LOOSE IN BOX
DIMENSIONS
lt = 4 ± 1.0 mm
20 < lt ≤ 25 mm
8.5 x 15.0 x 18.0
10.0 x 17.5 x 18.0
1000
1000
1000
1000
8.0 x 17.0 x 22.0
9.0 x 17.5 x 22.0
10.5 x 18.5 x 22.0
1000
500
500
1000
500
500



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com