Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMP489D4A Datasheet(PDF) 1 Page - World Produts Inc.

Part # PCMP489D4A
Description  Low contact resistance
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP489D4A Datasheet(HTML) 1 Page - World Produts Inc.

  PCMP489D4A Datasheet HTML 1Page - World Produts Inc. PCMP489D4A Datasheet HTML 2Page - World Produts Inc. PCMP489D4A Datasheet HTML 3Page - World Produts Inc. PCMP489D4A Datasheet HTML 4Page - World Produts Inc. PCMP489D4A Datasheet HTML 5Page - World Produts Inc. PCMP489D4A Datasheet HTML 6Page - World Produts Inc. PCMP489D4A Datasheet HTML 7Page - World Produts Inc. PCMP489D4A Datasheet HTML 8Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Pilkor components
Metallized Polypropylene
PCMP 489
film capacitors
223
MKP RADIAL LACQUERED CAPACITORS(Dipped Type) - Brown
Pitch 10.0/15.0/22.5 mm
(reduced pitch ; 7.5mm)
QUICK REFERENCE DATA
Capacitance range (E24 series)
Capacitance tolerance
Rated voltage (DC)
Climatic category
Temperature range
Reference specification
Coating material
0.010 to 1.0㎌
±5%
250V, 400V, 630V
40/105/21
-40℃ ~ +105℃
IEC 60384-16
Qualified in accordance with UL94V-0
FEATURES
. 7.5mm to 20.0mm lead pitch
. Low contact resistance
. Low loss dielectric
. Small dimensions for high density packaging
. Supplied loose in box and Ammo packing
APPLICATIONS
. Where steep pulses occur e.g. SMPS (switch
mode power supplies)
. S - correction
. Motor control circuits
• Please refer to caution and warning at http://www.pilkor.co.kr/download/Introductions.pdf
before using these products.


Similar Part No. - PCMP489D4A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
PCMP352 WPI-PCMP352 Datasheet
233Kb / 9P
Self-healing properties
PCMP372 WPI-PCMP372 Datasheet
225Kb / 8P
Self-healing properties
PCMP372DQ3 WPI-PCMP372DQ3 Datasheet
225Kb / 8P
Self-healing properties
PCMP372DQ4 WPI-PCMP372DQ4 Datasheet
225Kb / 8P
Self-healing properties
PCMP372DQ5 WPI-PCMP372DQ5 Datasheet
225Kb / 8P
Self-healing properties
More results

Similar Description - PCMP489D4A

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKPM ALPS-SKPM Datasheet
194Kb / 3P
Low Contact Resistance (Surface Mount Type)
logo
Cynergy3 Co
DBT70510 CYNERGY3-DBT70510 Datasheet
1Mb / 2P
Low Contact Resistance
logo
E-SWITCH
K100300 E-SWITCH-K100300 Datasheet
187Kb / 1P
Contact Resistance : 10m-OHMS
logo
ALPS ELECTRIC CO.,LTD.
SKPM ALPS-SKPM_15 Datasheet
847Kb / 3P
Low Contact Resistance (Surface Mount Type)
logo
CUI INC
PP-002C CUI-PP-002C Datasheet
310Kb / 1P
CONTACT RESISTANCE
logo
Amphenol Corporation
P-MRJR-55XX-X1 AMPHENOL-P-MRJR-55XX-X1 Datasheet
134Kb / 2P
CONTACT RESISTANCE
P-MUSB-A111-XX AMPHENOL-P-MUSB-A111-XX Datasheet
84Kb / 2P
CONTACT RESISTANCE
P-MUSB-A211-XX AMPHENOL-P-MUSB-A211-XX Datasheet
105Kb / 2P
CONTACT RESISTANCE
P-MUSB-A511-XX AMPHENOL-P-MUSB-A511-XX Datasheet
354Kb / 2P
CONTACT RESISTANCE
P-MUSB-K552-XX AMPHENOL-P-MUSB-K552-XX Datasheet
89Kb / 2P
CONTACT RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com