Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCPW245LR3 Datasheet(PDF) 10 Page - World Produts Inc.

Part # PCPW245LR3
Description  High capacitance density
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCPW245LR3 Datasheet(HTML) 10 Page - World Produts Inc.

Back Button PCPW245LR3 Datasheet HTML 3Page - World Produts Inc. PCPW245LR3 Datasheet HTML 4Page - World Produts Inc. PCPW245LR3 Datasheet HTML 5Page - World Produts Inc. PCPW245LR3 Datasheet HTML 6Page - World Produts Inc. PCPW245LR3 Datasheet HTML 7Page - World Produts Inc. PCPW245LR3 Datasheet HTML 8Page - World Produts Inc. PCPW245LR3 Datasheet HTML 9Page - World Produts Inc. PCPW245LR3 Datasheet HTML 10Page - World Produts Inc. PCPW245LR3 Datasheet HTML 11Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Pilkor components
Metallized Polypropylene Film Capacitors
PCPW 245
( DC-link application )
316
PERMISSIBLE VOLTAGE AND CURRENT AS A FUNCTION OF FREQUENCY
Permissible v oltage (450Vdc)
0.1
1.0
10.0
100.0
1000.0
0.1
1
10
100
[KHz ]
[Vrms ]
Permissible current (450Vdc)
1
10
100
0.1
1
10
100
[KHz ]
[Arms ]
Permissible v oltage (700Vdc)
0.1
1.0
10.0
100.0
1000.0
0.1
1
10
100
[KHz ]
[Vrms ]
Permissible current (700Vdc)
1
10
100
0.1
1
10
100
[KHz ]
[Arms ]
Permissible v oltage (900Vdc)
0.1
1.0
10.0
100.0
1000.0
0.1
1
10
100
[KHz ]
[Vrms ]
Permissible current (900Vdc)
1
10
100
0.1
1
10
100
[KHz ]
[Arms ]
Permissible v oltage (1100Vdc)
0.1
1.0
10.0
100.0
1000.0
0.1
1
10
100
[KHz ]
[Vrms ]
Permissible current (1100Vdc)
1
10
100
0.1
1
10
100
[KHz ]
[Arms ]
25uF
35uF
50uF
50uF
35uF
25uF
12uF
20uF
30uF
30uF
20uF
12uF
8uF
12uF
12uF
8uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com