Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCPW245LS3 Datasheet(PDF) 1 Page - World Produts Inc.

Part # PCPW245LS3
Description  High capacitance density
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCPW245LS3 Datasheet(HTML) 1 Page - World Produts Inc.

  PCPW245LS3 Datasheet HTML 1Page - World Produts Inc. PCPW245LS3 Datasheet HTML 2Page - World Produts Inc. PCPW245LS3 Datasheet HTML 3Page - World Produts Inc. PCPW245LS3 Datasheet HTML 4Page - World Produts Inc. PCPW245LS3 Datasheet HTML 5Page - World Produts Inc. PCPW245LS3 Datasheet HTML 6Page - World Produts Inc. PCPW245LS3 Datasheet HTML 7Page - World Produts Inc. PCPW245LS3 Datasheet HTML 8Page - World Produts Inc. PCPW245LS3 Datasheet HTML 9Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Pilkor components
Metallized Polypropylene Film Capacitors
PCPW 245
( DC-link application )
307
QUICK REFERENCE DATA
Capacitance range
Capacitance tolerance
Rated voltage (VRdc)
Non recurrent surge voltage (Vpk)
Max. repetitive peak voltage (Vpkr)
Max. non-repetitive peak current (Ipkr)
Dissipation factor (DF)
Insulation resistance (IR)
Test voltage with terminals (Vtt)
Test voltage with terminals (Vtc)
IEC Climatic category
Temperature range
Life time expectancy
Reference
Potting & Encapsulation material
1.5㎌ to 150㎌
±
5%, ±10%
450, 700, 900, 1100Vdc
563, 875, 1125, 1375Vdc
1.15 x VRdc (max. 30min. within one day)
1.5 x Ipk
0.0015 at 1KHz(C ≤30uF), 0.0020 at 1KHz(C >30uF)
3,000s after 1minute of electrification at 100(500)Vdc
1.5 x VRdc applied for 10s
3KV 50-60Hz applied for 60s
40/ 105 / 56
-40℃ ~ +105℃
100,000 hours at VR , 70℃
40,000 hours at VR , 85℃
IEC 60384-16 / IEC61071
Qualified in accordance with UL94V-0
FEATURES
. Self-Healing
. High capacitance density
. High ripple current
. Low contact resistance
. Low loss dielectric
APPLICATIONS
. dc-link applications.
. High frequency, high current applications
. Industrial and motor speed control
. Welding equipment
• Please refer to caution and warning at http://www.pilkor.co.kr/download/Introductions.pdf
before using these products.


Similar Part No. - PCPW245LS3

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
PCPW223 WPI-PCPW223 Datasheet
192Kb / 6P
Low inductive wound cell of metalized(PET) film
PCPW223FV1 WPI-PCPW223FV1 Datasheet
192Kb / 6P
Low inductive wound cell of metalized(PET) film
PCPW223FV2 WPI-PCPW223FV2 Datasheet
192Kb / 6P
Low inductive wound cell of metalized(PET) film
PCPW223HV1 WPI-PCPW223HV1 Datasheet
192Kb / 6P
Low inductive wound cell of metalized(PET) film
PCPW223HV2 WPI-PCPW223HV2 Datasheet
192Kb / 6P
Low inductive wound cell of metalized(PET) film
More results

Similar Description - PCPW245LS3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HDVERTICAL ETC2-HDVERTICAL Datasheet
329Kb / 4P
MALE-HIGH DENSITY
logo
Ohmite Mfg. Co.
ARF OHMITE-ARF Datasheet
250Kb / 2P
High power density
logo
XP Power Limited
SDC XPPOWER-SDC Datasheet
410Kb / 4P
High Power Density
logo
CTS Corporation
753 CTS-753_16 Datasheet
189Kb / 4P
High Density Packaging
logo
Illinois Capacitor, Inc...
DER ILLINOISCAPACITOR-DER Datasheet
224Kb / 4P
High Capacitance ??Very fast charge/discharge ??High power density
logo
Ohmite Mfg. Co.
RES-TA OHMITE-RES-TA Datasheet
333Kb / 2P
High Power Density
logo
Vicor Corporation
BCM48BX060Y240A00 VICOR-BCM48BX060Y240A00 Datasheet
790Kb / 20P
High power density
BCM352X110Y300B00 VICOR-BCM352X110Y300B00 Datasheet
854Kb / 21P
High power density
MIL-COTS VICOR-MIL-COTS Datasheet
1Mb / 10P
High density
logo
List of Unclassifed Man...
FK22PL ETC2-FK22PL Datasheet
78Kb / 2P
High Density Connectors High Density Steckverbinder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com