Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEGA128CAN Datasheet(PDF) 16 Page - ATMEL Corporation

Part # MEGA128CAN
Description  Microcontroller WITH 128K BYTES OF ISP FLASH AND CAN CONTROLLER
PDF  413 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MEGA128CAN Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button MEGA128CAN Datasheet HTML 12Page - ATMEL Corporation MEGA128CAN Datasheet HTML 13Page - ATMEL Corporation MEGA128CAN Datasheet HTML 14Page - ATMEL Corporation MEGA128CAN Datasheet HTML 15Page - ATMEL Corporation MEGA128CAN Datasheet HTML 16Page - ATMEL Corporation MEGA128CAN Datasheet HTML 17Page - ATMEL Corporation MEGA128CAN Datasheet HTML 18Page - ATMEL Corporation MEGA128CAN Datasheet HTML 19Page - ATMEL Corporation MEGA128CAN Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 413 page
background image
16
AT90CAN128
4250E–CAN–12/04
Memories
This section describes the different memories in the AT90CAN128. The AVR architec-
ture has two main memory spaces, the Data Memory and the Program Memory space.
In addition, the AT90CAN128 features an EEPROM Memory for data storage. All three
memory spaces are linear and regular.
In-System
Reprogrammable Flash
Program Memory
The AT90CAN128 contains 128K bytes On-chip In-System Reprogrammable Flash
memory for program storage. Since all AVR instructions are 16 or 32 bits wide, the
Flash is organized as 64K x 16. For software security, the Flash Program memory
space is divided into two sections, Boot Program section and Application Program
section.
The Flash memory has an endurance of at least 10,000 write/erase cycles. The
AT90CAN128 Program Counter (PC) is 16 bits wide, thus addressing the 64K program
memory locations. The operation of Boot Program section and associated Boot Lock
bits for software protection are described in detail in “Boot Loader Support – Read-
While-Write Self-Programming” on page 311. “Memory Programming” on page 325 con-
tains a detailed description on Flash data serial downloading using the SPI pins or the
JTAG interface.
Constant tables can be allocated within the entire program memory address space (see
the LPM – Load Program Memory and ELPM – Extended Load Program Memory
instruction description).
Timing diagrams for instruction fetch and execution are presented in “Instruction Execu-
tion Timing” on page 13.
Figure 9. Program Memory Map
0x0000
0xFFFF
Program Memory
Application Flash Section
Boot Flash Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com