Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMP384D23 Datasheet(PDF) 1 Page - World Produts Inc.

Part # PCMP384D23
Description  Small dimension for high density packaging
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP384D23 Datasheet(HTML) 1 Page - World Produts Inc.

  PCMP384D23 Datasheet HTML 1Page - World Produts Inc. PCMP384D23 Datasheet HTML 2Page - World Produts Inc. PCMP384D23 Datasheet HTML 3Page - World Produts Inc. PCMP384D23 Datasheet HTML 4Page - World Produts Inc. PCMP384D23 Datasheet HTML 5Page - World Produts Inc. PCMP384D23 Datasheet HTML 6Page - World Produts Inc. PCMP384D23 Datasheet HTML 7Page - World Produts Inc. PCMP384D23 Datasheet HTML 8Page - World Produts Inc. PCMP384D23 Datasheet HTML 9Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Pilkor components
Metallized Polypropylene
PCMP 384
film capacitors
185
MMKP RADIAL POTTED CAPACITORS
Pitch 10.0/15.0/22.5/27.5mm
(reduced pitch 7.5mm)
QUICK REFERENCE DATA
Capacitance range (E24 series)
Capacitance tolerance
Rated voltage (DC)
Climatic category
Temperature range
Reference specification
Potting & Encapsulation material
0.00022 to 1.0㎌
±
3.5%, ±5%, ±10%
250V, 400V, 630V, 800V, 1000V, 1250V, 1600V, 2000V, 2500V
55/105/56
-55℃ ~ +105℃
IEC 60384-17 / 16
Qualified in accordance with UL94V-0
FEATURES
. Double sided metallized electrodes
. Low contact resistance
. Low loss dielectric
. Small dimension for high density packaging
. Supplied loose in box and ammo pack
APPLICATIONS
. Electronic lighting e.g. Ballast
. S-correction, Fly-back circuit in television receivers
. UPS, Inverters
. IGBT Snubber
. Protection power semi-conductor
• Please refer to caution and warning at http://www.pilkor.co.kr/download/Introductions.pdf
before using these products.


Similar Part No. - PCMP384D23

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
PCMP389 WPI-PCMP389 Datasheet
131Kb / 16P
Low loss dielectric
PCMP389F42 WPI-PCMP389F42 Datasheet
131Kb / 16P
Low loss dielectric
PCMP389F43 WPI-PCMP389F43 Datasheet
131Kb / 16P
Low loss dielectric
PCMP389F45 WPI-PCMP389F45 Datasheet
131Kb / 16P
Low loss dielectric
PCMP389F4A WPI-PCMP389F4A Datasheet
131Kb / 16P
Low loss dielectric
More results

Similar Description - PCMP384D23

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HP5-189P-1.27W HIROSE-HP5-189P-1.27W Datasheet
1Mb / 34P
High-density Packaging System
PO55-P-316 HIROSE-PO55-P-316 Datasheet
259Kb / 6P
High-density Packaging System(Coaxial Connectors for Hi-PAS Mounting)
logo
Omron Electronics LLC
B3S-1000P OMRON-B3S-1000P Datasheet
230Kb / 4P
Surface Mount Tactile Switch for High-Density Packaging
logo
List of Unclassifed Man...
1619-1 ETC2-1619-1 Datasheet
493Kb / 1P
Space saving design for high density packaging
logo
CTS Corporation
752161102G CTS-752161102G Datasheet
233Kb / 4P
High Density Packaging
753081103GP CTS-753081103GP Datasheet
189Kb / 4P
High Density Packaging
753 CTS-753_16 Datasheet
189Kb / 4P
High Density Packaging
logo
Raltron Electronics Cor...
RT3215 RALTRON-RT3215 Datasheet
133Kb / 1P
IDEAL FOR HIGH DENSITY PACKAGING APPLICATION
logo
Shanghai Leiditech Elec...
BZT52C3V3 LEIDITECH-BZT52C3V3 Datasheet
895Kb / 3P
Small package size suitable for high-density applications
BZT52C62 LEIDITECH-BZT52C62 Datasheet
895Kb / 3P
Small package size suitable for high-density applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com