Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSP5000 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # VSP5000
Description  12-BIT 30 MSPS DUAL CHANNEL CCD SIGNAL FRONT END FOR DIGITAL COPIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

VSP5000 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  VSP5000 Datasheet HTML 1Page - Burr-Brown (TI) VSP5000 Datasheet HTML 2Page - Burr-Brown (TI) VSP5000 Datasheet HTML 3Page - Burr-Brown (TI) VSP5000 Datasheet HTML 4Page - Burr-Brown (TI) VSP5000 Datasheet HTML 5Page - Burr-Brown (TI) VSP5000 Datasheet HTML 6Page - Burr-Brown (TI) VSP5000 Datasheet HTML 7Page - Burr-Brown (TI) VSP5000 Datasheet HTML 8Page - Burr-Brown (TI) VSP5000 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
VSP5000
SLES057 – DECEMBER 2002
www.ti.com
2
Thesedevices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PRODUCT
PACKAGE
PACKAGE
OUTLINE
DESIGNATOR(1)
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA
VSP5000
64 Lead LQFP
PM
25
°Cto85°C
VSP5000PM
VSP5000PM
Tray
VSP5000
64-Lead LQFP
PM
–25
°C to 85°C
VSP5000PM
VSP5000PMR
Tape and reel
(1) A detailed drawing and a dimension table are located at the end of the data sheet.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
UNITS
Supply voltage, VCC, VDD
4 V
Supply voltage differences, among VCC terminals
±0.1 V
Ground voltage differences, AGND, DGND
±0.1 V
Digital input voltage
–0.3 V to VDD + 0.3 V
Analog input voltage
–0.3 V to VCC + 0.3 V
Input current (any leads except supplies)
±10 mA
Ambient temperature under bias
–40
°C to 125°C
Storage temperature
–55
°C to 150°C
Junction temperature
150
°C
Lead temperature (soldering, 5 sec)
260
°C
Package temperature (IR reflow, peak)
250
°C
(1) Stressesbeyondthoselistedunder“absolutemaximumratings”maycausepermanentdamagetothedevice.Thesearestressratingsonly,and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
all specifications at TA = 25°C, all power supply voltages = 3.3 V, and conversion rate (fADCCK) = 30 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VSP5000
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
12
Bits
Signal pass
2
ch
Maximum conversion rate
30
MHz
DIGITAL INPUTS
VT+
Input low-to-high threshold voltage
1.8
V
VT–
Input high-to-low threshold voltage
1.1
V
IIH
Input logic high current
VI = 3 V
±20
µA
IIL
Input logic low current
VI = 0 V
±20
µA
Input limit
–0.3
VCC+0.3
SYSCLK clock duty cycle
50%
Input capacitance
5
pF
DIGITAL OUTPUTS (even and odd channels)
Logic coding
Straight binary
Multiplex frequency
60
MHz
VOH
Output logic high voltage
IOH = –2 mA
2.5
V
VOL
Output logic low voltage
IOL = 2 mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com