Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PECL_RX_C3 Datasheet(PDF) 2 Page - ams AG

Part # PECL_RX_C3
Description  CMOS PECL Receiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PECL_RX_C3 Datasheet(HTML) 2 Page - ams AG

  PECL_RX_C3 Datasheet HTML 1Page - ams AG PECL_RX_C3 Datasheet HTML 2Page - ams AG PECL_RX_C3 Datasheet HTML 3Page - ams AG PECL_RX_C3 Datasheet HTML 4Page - ams AG PECL_RX_C3 Datasheet HTML 5Page - ams AG PECL_RX_C3 Datasheet HTML 6Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Datasheet: PECL_RX - C35
Revision B, 10.09.02
Page2of6
TECHNICAL DATA FOR PECL_RX
(Tjunction =
−40 to 125 °C, VDDPECL = VDDCMOS = VDDA = +3.0 Vto+3.6 V, XPD = High, SIM = Low, unless otherwise specified)
DC CHARACTERISTICS
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VID
Differential Input
VID =
|VINP – VINN|
250
750
900
mV
VICM
Common Mode Input Voltage
VICM = (VINP + VINN) / 2
ReferredtoVDDPECL
–1.5
−1.3
−1.1
V
VIH
Input Voltage High
Referred to VDDPECL
–1.165
–0.870
V
VIL
Input Voltage Low
Referred to VDDPECL
–1.830
–1.475
V
VHYS
Hysteresis
25
100
mV
VOH
Output Voltage High
V
VOL
Output Voltage Low
CMOS levels
V
AC CHARACTERISTICS
CL = 1 pF at each output, unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tPD
Propagation Delay
1)
600
800
1000
ps
tSKD1
Differential Pulse Skew 1)
80
ps
tSKD2
Differential Channel to Channel Skew 1)
100
ps
tTLH
Rise Time 2)
150
300
600
ps
tTHL
Fall Time 2)
150
300
600
ps
Cload
Load Capacitance
@622 Mb/s
1pF
Cin
Input Capacitance
700
900
fF
fMAX
Operating Frequency
311
311
MHz
TXS
Transmission Rate
622
622
Mb/s
POWER REQUIREMENTS
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICCDC
DC Current Consumption
Without PERXBIAS
7
10
mA
ICCAC
AC Current Consumption
Cload = 1 pF @622 Mb/s,
without PERXBIAS
11
15
mA
ICCPD
Power Down Current Consumption
XPD = Low, without
PERXBIAS
300
µ A
Pdiss_DC
DC Power Consumption
Without PERXBIAS
23
36
mW
Pdiss_AC
AC Power Consumption
Cload = 1 pF @622 Mb/s,
without PERXBIAS
36
54
mW
Pdiss_PD
Power Consumption in Power
Down Mode
XPD = Low, without
PERXBIAS
1.08
mW
1)
Including the package: SOIC28, pins 5–10 or 19–24 for VOUTP and VOUTN
2)
Specified at 20% and 80% of the output voltage



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com