Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74ALVC162334 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI74ALVC162334
Description  16-Bit Universal Bus Driver with 3-State Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74ALVC162334 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI74ALVC162334 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74ALVC162334 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74ALVC162334 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74ALVC162334 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74ALVC162334 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
PS8313
08/04/98
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74ALVC162334
16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
D
4
3
3
2
6
1
C
V
L
A
t
i
n
U
V
2
.
0
±
V
5
.
2
=
c
c
VV
7
.
2
=
c
c
VV
3
.
0
±
V
3
.
3
=
c
c
V
.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
M
f
k
c
o
l
c
y
c
n
e
u
q
e
r
f
k
c
o
l
C0
0
5
10
0
5
10
0
5
1z
H
M
tw
e
s
l
u
P
n
o
i
t
a
r
u
D
W
O
L
E
L3
.
33
.
33
.
3
s
n
w
o
l
r
o
h
g
i
h
K
L
C3
.
33
.
33
.
3
t u
s
e
m
i
t
p
u
t
e
S
K
L
C
e
r
o
f
e
b
a
t
a
D
↑
4
.
17
.
15
.
1
s
n
E
L
e
r
o
f
e
b
a
t
a
D
↑,
K
L
C
h
g
i
H
2
.
16
.
13
.
1
E
L
e
r
o
f
e
b
a
t
a
D
↑
K
L
C
,
w
o
L
4
.
15
.
12
.
1
th
e
m
i
t
d
l
o
H
K
L
C
r
e
t
f
a
a
t
a
D
↑
9
.
09
.
09
.
0
s
n
E
L
r
e
t
f
a
a
t
a
D
↑
K
L
C
,
w
o
L
r
o
h
g
i
H
1
.
11
.
11
.
1
∆ /t∆v )1
(
l
l
a
F
r
o
e
s
i
R
n
o
i
t
i
s
n
a
r
T
t
u
p
n
I0
0
10
0
10
0
1V
/
s
n
Timing Requirements over Operating Range
Note:
1. Unused control inputs must be held HIGH or LOW to prevent them from floating.
DC Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 3.3V ± 10%)
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 3.3V, +25°C ambient and maximum loading.
3. For I/O ports, the IOZ includes the input leakage current.
s
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
TVCC )
1
(
.
n
i
M.
p
y
T
)
2
(
.
x
a
Ms
t
i
n
U
VOH
IOH
0
0
1
-
=
µA.
x
a
M
o
t
.
n
i
MVCC -2
.
0
V
IOH
A
m
4
-
=VIH =V
7
.
1V
3
.
29
.
1
IOH
6
-
=mA
VIH =V
7
.
1V
3
.
27
.
1
VIH =V
0
.
20
.
3V
4
.
2
IOH =8
-mA
VIH =V
0
.
2V
7
.
20
.
2
IOH
A
m
2
1
=
VIH
V
0
.
2
=
V
0
.
30
.
2
VOL
IOL
0
0
1
=
µA.
x
a
M
o
t
.
n
i
M2
.
0
V
IOL =A
m
4
VIL =V
7
.
0
V
3
.
2
4
.
0
IOL
A
m
6
=
VIL =V
7
.
0V
3
.
25
5
.
0
VIL =V
8
.
0V
0
.
35
5
.
0
IOL
A
m
8
=
VIL =V
8
.
0
V
7
.
26
.
0
IOL =A
m
4
2
VIL =V
8
.
0
V
0
.
38
.
0
i
IVI =VCC
D
N
G
r
oV
6
.
35
±
µA
IOZ )
3
(
VO =VCC
D
N
G
r
oV
6
.
35
±
ICC
VI =VCC
D
N
G
r
o
IO
0
=
V
6
.
30
4
∆ICC
V
t
a
t
u
p
n
i
e
n
O
CC
V
t
a
s
t
u
p
n
i
r
e
h
t
O
,
V
6
.
0
-
CC
r
o
D
N
G
V
6
.
3
o
t
V
30
5
7
CI
s
t
u
p
n
I
l
o
r
t
n
o
CVI =VCC
D
N
G
r
oV
3
.
35
F
p
t
u
p
n
I
a
t
a
Do
V= VCC
D
N
G
r
oV
3
.
35
.
5
CO
s
t
u
p
t
u
Oo
V= VCC
D
N
G
r
oV
3
.
35
.
7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com