Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCR-39SX80-RMS Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # CCR-39SX80-RMS
Description  Commercial Latching Multi-throw, DC-12GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

CCR-39SX80-RMS Datasheet(HTML) 1 Page - Willow Technologies Ltd

  CCR-39SX80-RMS Datasheet HTML 1Page - Willow Technologies Ltd CCR-39SX80-RMS Datasheet HTML 2Page - Willow Technologies Ltd CCR-39SX80-RMS Datasheet HTML 3Page - Willow Technologies Ltd CCR-39SX80-RMS Datasheet HTML 4Page - Willow Technologies Ltd CCR-39SX80-RMS Datasheet HTML 5Page - Willow Technologies Ltd CCR-39SX80-RMS Datasheet HTML 6Page - Willow Technologies Ltd CCR-39SX80-RMS Datasheet HTML 7Page - Willow Technologies Ltd CCR-39SX80-RMS Datasheet HTML 8Page - Willow Technologies Ltd CCR-39SX80-RMS Datasheet HTML 9Page - Willow Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCR-39S Page 1
CCR-39S/072013\Q3
Series CCR-39S
Multi-Throw DC-12 GHz, SP7T & SP8T
Latching Coaxial Switch
COAX SWITCHES
ELECTRICAL CHARACTERISTICS
Form Factor
Multi-Throw,
break before make
Frequency Range
CCR-39S
DC–12 GHz
Characteristic Impedance
50 Ohms
Operate Time
20 ms (max.)
Actuation Voltage Available
12
15
24
28 V
Actuation Current
110 105 90 105 mA
Reset Currents (# of positions)
(7)
770 735 630 735 mA
(8)
880 840 720 840 mA
ENVIRONMENTAL AND PHYSICAL CHARACTERISTICS
Operating Temperature
Commercial Model, CCR-39S
–40°C to 65°C
Vibration (MIL-STD-202 Method 214,
Condition D, non-operating)
10 g’s RMS
Shock (MIL-STD-202 Method 213,
Condition D, non-operating)
500 g’s
Standard Actuator Life
Actuator Life w/ Additional Features
3,000,000 cycles
1,000,000 cycles
Connector Type
SMA
Humidity (Moisture Seal)
Available
Weight
9 oz. (255.2g) (max.)
PART NUMBER
DESCRIPTION
CCR-39S
Commercial Latching Multi-throw, DC-12GHz
The CCR-39S is a broadband, multi-throw, electromechanical coaxial switch designed to switch a
microwave signal from a common input to any of 7 or 8 outputs. The characteristic impedance is 50
Ohms. Each position has an individual actuator mechanism allowing random position selection. This also
minimizes switching time.
The CCR-39S comes with a latching actuator. The latching switch remains in the last position selected
when the switch is de-energized. STD dual command requires a reset pulse before a new selected
position. A separate reset circuit allows all positions to be set to an open position. User must provide both
reset (clear) and set (select new position) commands.
PART NUMBERING SYSTEM
For additional options, please contact factory.
Actuator Voltage
CCR-39
S
6
8
C
-
T **
Series
Connectors
Actuator Type
Options
Number of Positions
CONNECTOR
ACTUATOR VOLTAGE
NUMBER OF POSITIONS
ACTUATOR TYPE
OPTIONS
S
: SMA FEMALE
6: 28 VDC LATCHING
7: SP7T
0
: NO INDICATOR CONTACTS
T
: TTL DRIVERS WITH DIODES
7: 15 VDC LATCHING
8: SP8TC
: INDICATOR CONTACTS
D
: COIL TRANSIENT SUPPRESSION DIODES
8: 12 VDC LATCHING
R
: POSITIVE + COMMON
9: 24 VDC LATCHING
TD
: DECODERS AND TTL DRIVERS WITH
DIODES
**SEE PART NUMBER ON PAGE 10
M
: MOISTURE SEAL
S
: D-SUB CONNECTOR*
* D-Sub Connector may be 15 or 26 pin depending on number of throws. (See
Connector Pinout page)
**1 D-Sub Connectors is standard configuration on all models unless
otherwise specified
PERFORMANCE CHARACTERISTICS
Frequency
DC–6 GHz
6–12 GHz
Insertion Loss, dB,
max.
0.2
0.4
Isolation, dB, min.
70
60
VSWR , max.
1.30:1
1.40:1


Similar Part No. - CCR-39SX80-RMS

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCR-39SX80-RMS TELEDYNE-CCR-39SX80-RMS Datasheet
780Kb / 10P
Latching Coaxial Switch
More results

Similar Description - CCR-39SX80-RMS

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHT3091AQAG UMS-CHT3091AQAG Datasheet
322Kb / 6P
DC-12GHz ATTENUATOR
CHT3091AQAG UMS-CHT3091AQAG_10 Datasheet
277Kb / 6P
DC-12GHz ATTENUATOR
CHT3091AQAG UMS-CHT3091AQAG_15 Datasheet
289Kb / 6P
DC-12GHz ATTENUATOR
logo
Willow Technologies Ltd
CCP-18D WILLOW-CCP-18D Datasheet
512Kb / 8P
Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
CCP-18N WILLOW-CCP-18N Datasheet
591Kb / 10P
Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
CCP-33S WILLOW-CCP-33S Datasheet
382Kb / 6P
Commercial Latching SPDT, DC-3 GHz
CCP-37S WILLOW-CCP-37S Datasheet
377Kb / 6P
Commercial Latching TRANSFER, DC-3GHz, Low PIM
CCP-38S WILLOW-CCP-38S Datasheet
591Kb / 10P
Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
logo
Teledyne Technologies I...
CCT-49K TELEDYNE-CCT-49K Datasheet
786Kb / 10P
Latching Multi-Throw Coaxial Switch
S422 TELEDYNE-S422 Datasheet
518Kb / 3P
SMT, DPDT Latching Commercial Electromechanical Relay
2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com