Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCP-33SXC-RMS Datasheet(PDF) 5 Page - Willow Technologies Ltd

Part # CCP-33SXC-RMS
Description  Commercial Latching SPDT, DC-3 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

CCP-33SXC-RMS Datasheet(HTML) 5 Page - Willow Technologies Ltd

  CCP-33SXC-RMS Datasheet HTML 1Page - Willow Technologies Ltd CCP-33SXC-RMS Datasheet HTML 2Page - Willow Technologies Ltd CCP-33SXC-RMS Datasheet HTML 3Page - Willow Technologies Ltd CCP-33SXC-RMS Datasheet HTML 4Page - Willow Technologies Ltd CCP-33SXC-RMS Datasheet HTML 5Page - Willow Technologies Ltd CCP-33SXC-RMS Datasheet HTML 6Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCP-33S Page 5
CCP-33S\072013\Q3
Series CCP-33S
Low PIM, Miniature DC–3 GHz
Latching SPDT Coaxial Switch
COAX SWITCHES
Actuator
An actuator is the electromechanical mechanism that
transfers the RF contacts from one position to another upon
DC command.
Arc Suppression Diode
A diode is connected in parallel with the coil. This diode
limits the “reverse EMF spike” generated when the coil de-
energizes to 0.7 volts. The diode cathode is connected to
the positive side of the coil and the anode is connected to
the negative side.
Date Code
All switches are marked with either a unique serial number
or a date code. Date codes are in accordance with MIL-
STD-1285 Paragraph 5.2.5 and consist of four digits.
The first two digits define the year and the last two digits
define the week of the year (YYWW). Thus, 1032 identifies
switches that passed through final inspection during the
32nd week of 2010.
Latching
A latching switch remains in the selected position whether
or not voltage is maintained. This can be accomplished
with either a magnetic or mechanical latching mechanism.
Indicator
Indicators tell the system which position the switch is in.
Other names for indicators are telemetry contacts or tellback
circuit. Indicators are usually a set of internally mounted DC
contacts linked to the actuator. They can be wired to digital
input lines, status lights, or interlocks. Unless otherwise
specified, the maximum indicator contact rating is 30 Vdc,
50 mA, or 1.5 Watts into a resistive load.
Isolation
Isolation is the measure of the power level at the output
connector of an unconnected RF channel as referenced to
the power at the input connector. It is specified in dB below
the input power level.
Self-Cutoff
The self-cutoff option disables the actuator current on
completion of actuation.
Either a series contact (linked
to the actuator) or an IC driver circuit provides the current
cutoff. This option results in minimum power consumption
by the RF switch. Cutthroat is another name used in the
industry for this option. Pulse latching is a term used to
describe a switch without this feature.
SPDT Switch
A single-pole double-throw, bi-directional switch that can
be used as having one input and two outputs or two inputs
and one output.
Switching Time
Switching time is the total interval beginning with the arrival
of the leading edge of the command pulse at the switch DC
input and ending with the completion of the switch transfer,
including contact bounce. It consists of three parts: (1)
inductive delay in the coil, (2) transfer time of the physical
movement of the contacts, and (3) the bounce time of the
RF contacts.
TTL Switch Driver Option
As a special option, switch drivers can be provided for both
failsafe and latching switches, which are compatible with
industry-standard low-power Schottky TTL circuits.
Performance Parameters vs Frequency
Generally speaking, the RF performance of coaxial switches
is frequency dependent. With increasing frequency, VSWR
and insertion loss increase while isolation decreases. All
data sheets specify these three parameters as “worst case”
at the highest operating frequency. If the switch is to be
used over a narrow frequency band, better performance
can be achieved.
Actuator Current vs Temperature
The resistance of the actuator coil varies as a function of
temperature. There is an inverse relationship between the
operating temperature of the switch and the actuator drive
current. For switches operating at 28 VDC, the approximate
actuator drive current at temperature, T, can be calculated
using the equation:
Magnetic Sensitivity
An electro-mechanical switch can be sensitive to ferrous
materials and external magnetic fields. Neighboring ferrous
materials should be permitted no closer than 0.5 inches and
adjacent external magnetic fields should be limited to a flux
density of less than 5 Gauss.
GLOSSARY
I
A
[1 + .00385 (T-20)]
Where:
I
T
= Actuator current at temperature, T
I
A
= Room temperature actuator current –
see data sheet
T = Temperature of interest in °C
I
T
=



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com