Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IGPS-R9084GP Datasheet(PDF) 6 Page - ORing Industrial Networking Corp

Part # IGPS-R9084GP
Description  Industrial Layer-3 12-port managed Gigabit PoE Ethernet switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IGPS-R9084GP Datasheet(HTML) 6 Page - ORing Industrial Networking Corp

  IGPS-R9084GP Datasheet HTML 1Page - ORing Industrial Networking Corp IGPS-R9084GP Datasheet HTML 2Page - ORing Industrial Networking Corp IGPS-R9084GP Datasheet HTML 3Page - ORing Industrial Networking Corp IGPS-R9084GP Datasheet HTML 4Page - ORing Industrial Networking Corp IGPS-R9084GP Datasheet HTML 5Page - ORing Industrial Networking Corp IGPS-R9084GP Datasheet HTML 6Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
1-375
1-375
Designed for Rugged Excellence
Available
Model
Model Name
Description
IGPS-R9084GP
Industrial Layer-3 12-port managed Gigabit PoE Ethernet switch with 8x10/100/1000Base-T(X) P.S.E. and 4x100/1000Base-X,
SFP socket
Packing List
‧
IGS-R9084GP
‧
DIN-Rail Kit
‧
Wall-mount Kit
‧
Console Cable
‧
ORing Tool CD
‧
Quick Installation Guide
Optional Accessories (Can be purchased separately)
‧
Open-Vision M500, Powerful Network Management Windows Utility Suite, 500 IP devices
‧
SFP100 series, 100Mbps SFP optical transceiver
‧
SFP1G series, 1Gbps SFP optical transceiver
IGS-R9 AA B CC
Ordering Information
Code Definition
10/100/1000Base-T(X) P.S.E. Port Number
100/1000Base-(F)X SFP Port Number
Additional Port Type
Option
- 08: 8 ports
- 4: 4 ports
-GP: Gigabit SFP ports
v1.0a Oct, 2014
Industrial Ethernet Switch DIN-Rail Managed Gigabit Ethernet Switch



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com