Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWM-04GC-D Datasheet(PDF) 4 Page - ORing Industrial Networking Corp

Part # SWM-04GC-D
Description  modular managed Gigabit Ethernet switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

SWM-04GC-D Datasheet(HTML) 4 Page - ORing Industrial Networking Corp

  SWM-04GC-D Datasheet HTML 1Page - ORing Industrial Networking Corp SWM-04GC-D Datasheet HTML 2Page - ORing Industrial Networking Corp SWM-04GC-D Datasheet HTML 3Page - ORing Industrial Networking Corp SWM-04GC-D Datasheet HTML 4Page - ORing Industrial Networking Corp SWM-04GC-D Datasheet HTML 5Page - ORing Industrial Networking Corp SWM-04GC-D Datasheet HTML 6Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1-121
1-121
Designed for Rugged Excellence
Industrial Ethernet Switch DIN-Rail Managed Gigabit Ethernet Switch
v1.0a Jun, 2016
Optional Switch Module
SWM-04GC-D
Industrial 4-port Gigabit Ethernet
switch module with 4x1G combo
ports.
Weight
412g
MTBF
3,948,727hrs
SWM-40GT-M12-D
Industrial 4-port Gigabit
Ethernet switch module with
4x10/100/1000Base-T(X) ports, M12
connector.
Weight
462g
MTBF
628,407hrs
BSM-20GT-M12-D
Industrial bypass switch module with
4x10/100/1000Base-T(X) ports, M12
connector.
Weight
TBD
MTBF
TBD
SWM-04GF-SS/MM-SC-D
Industrial 4-port Gigabit Ethernet
switch module with 4x1000Base-X
ports, SS/MM mode, SC connector.
Weight
407g
MTBF
426,972/333,547hrs
BSM-02X-D
Industrial bypass switch module,
4x100/1G/10GBase-X, LC connector.
Weight
TBD
MTBF
TBD
SWM-04FX-SS/MM-SC-D
Industrial 4-port Gigabit Ethernet
switch module with 4x100Base-FX
ports, SS/MM mode, SC connector.
Weight
404g
MTBF
316,663/517,083hrs
BSM-20GT-D
Industrial bypass switch module
with 4x10/100/1000Base-T(X)
ports
Weight
TBD
MTBF
TBD
ORing Switch Model
IGS-9122GPM
Physical Ports
10/100/1000Base-T(X) Ports in RJ45
Auto MDI/MDIX
12
100/1000Base-X SFP Ports
2
Module Slot Number
3 (support 4x1G combo / 4x1G Fiber / 4x100Mbps Fiber module)
Technology
Ethernet Standards
IEEE 802.3 for 10Base-T
IEEE 802.3u for 100Base-TX and 100Base-FX
IEEE 802.3ab for 1000Base-T
IEEE 802.z for 1000Base-X
IEEE 802.3ae for 10Gigabit Ethernet
IEEE 802.3x for Flow control
IEEE 802.3ad for LACP (Link Aggregation Control Protocol )
IEEE 802.1p for COS (Class of Service)
IEEE 802.1Q for VLAN Tagging
IEEE 802.1D for STP (Spanning Tree Protocol)
IEEE 802.1w for RSTP (Rapid Spanning Tree Protocol)
IEEE 802.1s for MSTP (Multiple Spanning Tree Protocol)
IEEE 802.1x for Authentication
IEEE 802.1AB for LLDP (Link Layer Discovery Protocol)
MAC Table
8k
Priority Queues
8
Processing
Store-and-Forward
Switch Properties
Switching latency: 7 us
Switching bandwidth: 52Gbps
Max. Number of Available VLANs: 4095
VLAN ID Range: 1 to 4094
IGMP multicast groups: 128 for each VLAN
Port rate limiting: User Define
Jumbo frame
Up to 9.6K Bytes
Specifications



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com