Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RES-1242P Datasheet(PDF) 2 Page - ORing Industrial Networking Corp

Part # RES-1242P
Description  Industrial 26-port rack mount unmanaged Ethernet switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

RES-1242P Datasheet(HTML) 2 Page - ORing Industrial Networking Corp

  RES-1242P Datasheet HTML 1Page - ORing Industrial Networking Corp RES-1242P Datasheet HTML 2Page - ORing Industrial Networking Corp RES-1242P Datasheet HTML 3Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1
www.oring-networking.com
1-116
Industrial Ethernet Switch Rack-Mount Managed Ethernet Switch
v1.0 / Nov, 2015
Dimensions
(Unit=mm)
ORing Switch Model
RES-1242P
Physical Ports
10/100Base-T(X) Ports in RJ45
Auto MDI/MDIX
24
100Base-FX SFP Ports
2
Technology
Ethernet Standards
IEEE 802.3 for 10Base-T
IEEE 802.3u for 100Base-TX
IEEE 802.3x for Flow control
MAC Table
4096
Processing
Store-and-Forward
LED Indicators
Power indicator
Green : Power LED x 1
10/100Base-T(X) RJ45 Port Indicator
Green for port Link/Act. Amber for speed indicator – Amber for 100Mbps, Off-light for 10Mbps
100Base-FX SFP Port Indicator
Green for port Link/Act
Power
Power Input
100 ~ 240VAC on AC socket
Power Consumption (Typ.)
15.4 watts max.
Overload Current Protection
Present
Physical Characteristic
Enclosure
IP-30
Dimension (W x D x H)
440 x 200 x 44 mm (17.32 x 7.87 x 1.73 inch)
Weight (g)
2450 g
Environmental
Storage Temperature
-40 to 85
oC (-40 to 185oF)
Operating Temperature
-40 to 70
oC (-40 to 158oF)
Operating Humidity
5% to 95% Non-condensing
Regulatory approvals
EMI
FCC Part 15, CISPR (EN55022) class B
Specifications



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com