Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGS-9168GCP_US Datasheet(PDF) 2 Page - ORing Industrial Networking Corp

Part # RGS-9168GCP_US
Description  Industrial 24-port rack mount managed Gigabit Ethernet switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

RGS-9168GCP_US Datasheet(HTML) 2 Page - ORing Industrial Networking Corp

  RGS-9168GCP_US Datasheet HTML 1Page - ORing Industrial Networking Corp RGS-9168GCP_US Datasheet HTML 2Page - ORing Industrial Networking Corp RGS-9168GCP_US Datasheet HTML 3Page - ORing Industrial Networking Corp RGS-9168GCP_US Datasheet HTML 4Page - ORing Industrial Networking Corp RGS-9168GCP_US Datasheet HTML 5Page - ORing Industrial Networking Corp RGS-9168GCP_US Datasheet HTML 6Page - ORing Industrial Networking Corp RGS-9168GCP_US Datasheet HTML 7Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Design for Rugged Excellence
* All specifications are subject to change without notice.
V1.0 Nov, 2016
protocols to join and function together as a larger and more robust compound network topology. O-Chain providing
ease-of-use while maximizing fault-recovery swiftness, flexibility, compatibility, and cost-effectiveness in one set of
network redundancy topology.
MRP : Media Redundancy Protocol (MRP) is a data network protocol standardized by the IEC 62439-2. It allows
rings of Ethernet switches to overcome any single failure with recovery time much faster than achievable with
Spanning Tree Protocol.
IP-based Bandwidth Management : The switch provide advanced IP-based bandwidth management which can limit
the maximum bandwidth for each IP device. User can configure IP camera and NVR with more bandwidth and limit
other device bandwidth.
Application-Based QoS : The switch also support application-based QoS. Application-based QoS can set highest
priority for data stream according to TCP/UDP port number.
Device Binding Function : ORing special Device Binding function can only permit allowed IP address with MAC address
to access the network. Hacker cannot access the IP surveillance network without permission. It can avoid hacker
from stealing video privacy data and attacking IP camera, NVR and controllers.
Advanced DOS/DDOS Auto Prevention : The switch also provided advanced DOS/DDOS auto prevention. If there
is any IP flow become big in short time, the switch will lock the source IP address for certain time to prevent the
attack. It’s hardware based prevention so it can prevent DOS/DDOS attack immediately and completely.
Modbus TCP : This is a Modbus variant used for communications over TCP/IP networks.
IEEE 802.3az Energy-Efficient Ethernet : This is a set of enhancements to the twisted-pair and
backplane Ethernet family of networking standards that will allow for less power consumption during periods of low
data activity. The intention was to reduce power consumption by 50% or more.
Network connection



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com