Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGS-9168GCP_UK Datasheet(PDF) 7 Page - ORing Industrial Networking Corp

Part # RGS-9168GCP_UK
Description  Industrial 24-port rack mount managed Gigabit Ethernet switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

RGS-9168GCP_UK Datasheet(HTML) 7 Page - ORing Industrial Networking Corp

  RGS-9168GCP_UK Datasheet HTML 1Page - ORing Industrial Networking Corp RGS-9168GCP_UK Datasheet HTML 2Page - ORing Industrial Networking Corp RGS-9168GCP_UK Datasheet HTML 3Page - ORing Industrial Networking Corp RGS-9168GCP_UK Datasheet HTML 4Page - ORing Industrial Networking Corp RGS-9168GCP_UK Datasheet HTML 5Page - ORing Industrial Networking Corp RGS-9168GCP_UK Datasheet HTML 6Page - ORing Industrial Networking Corp RGS-9168GCP_UK Datasheet HTML 7Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Design for Rugged Excellence
* All specifications are subject to change without notice.
V1.0 Nov, 2016
RGS-9AABCCC- D
Code
Definition
Gigabit
Combo
Port
Number
Gigabit SFP Port Number
Additional Port Type
Additional Type
Option
- 16: 16 ports
- 8: 8 ports
-GCP: Gigabit Combo ports
and Gigabit SFP ports
-E: enhanced model with
dual DC inputs and Relay
output
Available
Model
Model Name
Description
RGS-9168GCP_US
Industrial 24-port rack mount managed Gigabit Ethernet switch with 16xGigabit combo
ports and 8x100/1000Base-X, SFP socket, US power cord
RGS-9168GCP_UK
Industrial 24-port rack mount managed Gigabit Ethernet switch with 16xGigabit combo
ports and 8x100/1000Base-X, SFP socket, UK power cord
RGS-9168GCP_EU
Industrial 24-port rack mount managed Gigabit Ethernet switch with 16xGigabit combo
ports and 8x100/1000Base-X, SFP socket, EU power cord
RGS-9168GCP_JP
Industrial 24-port rack mount managed Gigabit Ethernet switch with 16xGigabit combo
ports and 8x100/1000Base-X, SFP socket, JP power cord
RGS-9168GCP-E_US
Industrial 24-port rack mount managed Gigabit Ethernet switch with 16xGigabit combo
ports and 8x100/1000Base-X, SFP socket, enhanced version, US power cord
RGS-9168GCP-E_UK
Industrial 24-port rack mount managed Gigabit Ethernet switch with 16xGigabit combo
ports and 8x100/1000Base-X, SFP socket, enhanced version, UK power cord
RGS-9168GCP-E_EU
Industrial 24-port rack mount managed Gigabit Ethernet switch with 16xGigabit combo
ports and 8x100/1000Base-X, SFP socket, enhanced version, EU power cord
RGS-9168GCP-E_JP
Industrial 24-port rack mount managed Gigabit Ethernet switch with 16xGigabit combo
ports and 8x100/1000Base-X, SFP socket, enhanced version, JP power cord
Ordering Information
O
Packing List
O
Optional Accessories
O
RGS-9168GCP / -E x 1
Rack-mount Kit x 1
Quick Installation Guide x 1
Console Cable x 1
ORing Tool CD x 1
Power Cable x 1
Open-Vision M500 : Powerful Network
Management Windows Utility Suit, 500 IP devices
DR-120-48 : 48V/120Watts DIN-Rail power
supply (Only for –E)
SFP100 series : 100Mbps SFP optical transceiver
SFP1G series : 1GMbps SFP optical transceiver
DR-75-48 : 48V/75Watts DIN-Rail power supply
(Only for –E)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com