Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGS-9168GCP_JP Datasheet(PDF) 6 Page - ORing Industrial Networking Corp

Part # RGS-9168GCP_JP
Description  Industrial 24-port rack mount managed Gigabit Ethernet switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

RGS-9168GCP_JP Datasheet(HTML) 6 Page - ORing Industrial Networking Corp

  RGS-9168GCP_JP Datasheet HTML 1Page - ORing Industrial Networking Corp RGS-9168GCP_JP Datasheet HTML 2Page - ORing Industrial Networking Corp RGS-9168GCP_JP Datasheet HTML 3Page - ORing Industrial Networking Corp RGS-9168GCP_JP Datasheet HTML 4Page - ORing Industrial Networking Corp RGS-9168GCP_JP Datasheet HTML 5Page - ORing Industrial Networking Corp RGS-9168GCP_JP Datasheet HTML 6Page - ORing Industrial Networking Corp RGS-9168GCP_JP Datasheet HTML 7Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Design for Rugged Excellence
* All specifications are subject to change without notice.
V1.0 Nov, 2016
MSTP (RSTP/STP compatible)
RS-232 Serial Console Port
RS-232 in DB-9 connector with console cable. 115200bps, 8, N, 1
LED indicators
Power Indicator (PWR)
Green : Power indicator
Green LED x 3 : Power-1/2/3 indicator
Ring Master Indicator (R.M.)
Green : Indicates that the system is operating in O-Ring Master mode
O-Ring Indicator (Ring)
Green : Indicates that the system operating in O-Ring mode
Green Blinking : Indicates that the Ring is broken.
Fault Indicator (Fault)
Amber : Indicate unexpected event occurred
10/100/1000Base-T(X)
RJ45
Port
Indicator
Green for Link/Act indicator.
Dual color LED for speed indicator ~ Green for 1000Mbps / Amber for 100Mbps / Off-light for 10Mbps
1000Base-X SFP Port Indicator
Green for port Link/Act.
Fault contact
Relay
None
Relay output to carry capacity of 1A at 24VDC
Power
Power Input
100 ~ 240VAC with power socket
100 ~ 240VAC with power socket and dual 48VDC (36
~ 72VDC) at 6-pin terminal block
Power consumption (Typ.)
28.2W
28.2W
Overload current protection
NOT Present
Present with terminal block
Reverse Polarity Protection
Present
Present
Physical Characteristic
Enclosure
19 inches rack mountable
Dimension (W x D x H)
431 (W) x 342 (D) x 44 (H)mm (16.97 x 13.46 x 1.73 inch)
Weight (g)
4117 g
4437 g
Environmental
Storage Temperature
-40 to 85oC (-40 to 185oF)
Operating Temperature
-40 to 75oC (-40 to 167oF)
Operating Humidity
5% to 95% Non-condensing
Regulatory approvals
EMI
FCC Part 15, CISPR (EN55022) class A
EMS
EN61000-4-2 (ESD)
EN61000-4-3 (RS),
EN61000-4-4 (EFT),
EN61000-4-5 (Surge),
EN61000-4-6 (CS),
EN61000-4-8,
EN61000-4-11
Shock
IEC60068-2-27
Free Fall
IEC60068-2-32
Vibration
IEC60068-2-6
Safety
EN60950-1
Warranty
5 years



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com