Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGS-P9160M2 Datasheet(PDF) 2 Page - ORing Industrial Networking Corp

Part # RGS-P9160M2
Description  Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

RGS-P9160M2 Datasheet(HTML) 2 Page - ORing Industrial Networking Corp

  RGS-P9160M2 Datasheet HTML 1Page - ORing Industrial Networking Corp RGS-P9160M2 Datasheet HTML 2Page - ORing Industrial Networking Corp RGS-P9160M2 Datasheet HTML 3Page - ORing Industrial Networking Corp RGS-P9160M2 Datasheet HTML 4Page - ORing Industrial Networking Corp RGS-P9160M2 Datasheet HTML 5Page - ORing Industrial Networking Corp RGS-P9160M2 Datasheet HTML 6Page - ORing Industrial Networking Corp RGS-P9160M2 Datasheet HTML 7Page - ORing Industrial Networking Corp RGS-P9160M2 Datasheet HTML 8Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Design for Rugged Excellence
* All specifications are subject to change without notice.
V1.2a Oct, 2017
Introduction
RGS-P9160M2 series are IEC 61850-3 16-port modular rack mount managed redundant ring Ethernet switch with
16xGigabit combo / Gigabit fiber / 100Mbit fiber ports and provided 1 modular switch slot to extend switch function. The
switch is designed for power substation application, fully compliant with the requirement of IEC 61850-3 and IEEE 1613.
RGS-P9160M2 series support Ethernet Redundancy protocol, O-Ring (recovery time < 30ms), Open-Ring, O-Chain, MRP*NOTE,
Fast Recovery and MSTP (RSTP/STP compatible) can protect your mission-critical applications from network interruptions or
temporary malfunctions with its fast recovery technology. RGS-P9160M2 series can also be managed centralized and
convenient by Open-Vision, as well as the Web-based interface, Telnet and console (CLI) configuration. Therefore, the
switch is one of the most reliable choice for highly-managed and Fiber Ethernet power substation application.
O-Ring : O-Ring is ORing’s proprietary redundant ring technology, with recovery time of less 30 milliseconds and up to
250 nodes. The O-Ring redundant ring technology can protect mission-critical application from network
interruptions or temporary malfunction with its fast recover technology.
O-Chain : O-Chain is the revolutionary network redundancy technology that provides the add-on network redundancy
topology for any backbone network, O-Chain allows multiple redundant network rings of different redundancy
protocols to join and function together as a larger and more robust compound network topology. O-Chain providing
ease-of-use while maximizing fault-recovery swiftness, flexibility, compatibility, and cost-effectiveness in one set of
network redundancy topology.
MRP *NOTE: Media Redundancy Protocol (MRP) is a data network protocol standardized by the IEC 62439-2. It allows
rings of Ethernet switches to overcome any single failure with recovery time much faster than achievable with
Spanning Tree Protocol.
Application-Based QoS : The switch also support application-based QoS. Application-based QoS can set highest
priority for data stream according to TCP/UDP port number.
Device Binding Function : ORing special Device Binding function can only permit allowed IP address with MAC address
to access the network. Hacker cannot access the IP surveillance network without permission. It can avoid hacker
from stealing video privacy data and attacking IP camera, NVR and controllers.
Advanced DOS/DDOS Auto Prevention : The switch also provided advanced DOS/DDOS auto prevention. If there
is any IP flow become big in short time, the switch will lock the source IP address for certain time to prevent the
attack. It’s hardware based prevention so it can prevent DOS/DDOS attack immediately and completely.
Modbus TCP : This is a Modbus variant used for communications over TCP/IP networks.
IEEE 802.3az Energy-Efficient Ethernet : This is a set of enhancements to the twisted-pair and
backplane Ethernet family of networking standards that will allow for less power consumption during periods of low
data activity. The intention was to reduce power consumption by 50% or more.
IEEE 1588V2 Technology : The IEEE 1588V2 technology can fulfill precision time synchronization requirements for
protection and control applications.
Modular Designed : Modular designed can makes network planning easy and allow greater flexibility by letting you
install other Ethernet/Optical fiber modular.
*NOTE: This function is available by request only
Introduction



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com