Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCN68652AC2N40 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SCN68652AC2N40
Description  Multi-protocol communications controller (MPCC)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCN68652AC2N40 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SCN68652AC2N40 Datasheet HTML 17Page - NXP Semiconductors SCN68652AC2N40 Datasheet HTML 18Page - NXP Semiconductors SCN68652AC2N40 Datasheet HTML 19Page - NXP Semiconductors SCN68652AC2N40 Datasheet HTML 20Page - NXP Semiconductors SCN68652AC2N40 Datasheet HTML 21Page - NXP Semiconductors SCN68652AC2N40 Datasheet HTML 22Page - NXP Semiconductors SCN68652AC2N40 Datasheet HTML 23Page - NXP Semiconductors SCN68652AC2N40 Datasheet HTML 24Page - NXP Semiconductors SCN68652AC2N40 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Philips Semiconductors
Product specification
SCN2652/SCN68652
Multi-protocol communications controller (MPCC)
1995 May 01
21
TIMING DIAGRAMS (Continued)
RECEIVE END OF MESSAGE
RxC
RxDA
DBEN
(8-BIT)
READ
DATA
READ
STATUS
RxE2
RxA3
NOTES:
1.
At the end of a BOP message, RxSA goes high when FLAG detection (S/F 1) forces REOm to be set. Processor should read the last data character (RDSRL) and status (RDSRH)
which resets RxDA and RxSA respectively. For BCP end of message, RxSA may not be set and S/F = 0. The processor should read the last data character and status.
2.
RxE must be dropped for BCP with non-contiguous messages. It may be left on at the end of a BOP message (see BOP Receive Operation).
3.
RxA is reset relative to the falling edge of RxC after the closing FLAG of a BOP message (REOM = 1 and RxSA active.) or when RxE is dropped.
RxSA1
S/F
SD00072
Figure 17. Timing Diagrams (cont.)
TYPICAL APPLICATIONS
SCN2652 MPCC MICROPROCESSOR INTERFACE
NOTES:
1.
Possible
µP interrupt requests are: RxDA RxSA TxBE TxU
2.
Other SCN2652 status signals and possible uses are S F line idle indicator, frame delimiter. RxA handshake on RxE, line turn around control. TxA handshake on TxE, line turn
around control.
3.
Line drivers/receivers (LD/LR) convert EIA to TTL voltages and vice-versa.
4.
RTS should be dropped after the CRC (BCP) or FLAG (BOP) has been transmitted. This forces CTS low and TxE low.
5.
Corresponding high and low order bits of DB must be OR tied.
RESET
CLOCK
8-BIT
µP
Φ
DATA BUS
ADDRESS CONTROL
TS BUFFER
MODEM
CONTROL
LOGIC
STATUS
MPCC
SCN2652
DB0–DB7
A2–A0, R/W DBEN CE
“1”
BYTE
RxE
TxE
DCD
CTS
LR
TxC
SYNCHRO-
NOUS
MODEM
LR
RxC
LD
TxSO
LR
RxSI
RTS, CTS,
DTR, DSR,
DCD
RESET
SD00073
Figure 18. Typical Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com