Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C60 Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # C60
Description  Optically Isolated 0.5 to 2.5A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

C60 Datasheet(HTML) 2 Page - Willow Technologies Ltd

  C60 Datasheet HTML 1Page - Willow Technologies Ltd C60 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
C60
2
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 20
10 TELEDYNE RELAYS
Series C60
CHARACTERISTIC CURVES
WIRING CONFIGURATIONS
MECHANICAL SPECIFICATION
NOTES:
1. Series resistor is required to limit input current to
50 mA maximum.
2. The input current is 10 mA for all tests unless
otherwise specified.
3. The surge current is non-repetitive for a
maximum duration of 20 ms (See Figure 3).
4. Loads may be connected to positive or negative
referenced power supplies. Inductive loads must
be diode suppressed.
5. Continuous load current is rated under the
conditions of still air and mounted on a printed
circuit board.
6. To calculate ON Resistance for a given junction
temperature calculate the new ROn using the
equation shown below:
ROn=R(25°C)x e
0.006(TJ-25°C)
7. Turn on Time can be controlled with input control
current. Calculate a new turn-on time:
tOn=(tSpecification Limit)(10mA/IIn)
8. Load voltage rating should be derated 10% at
-40°C
• Operating Temperature Range: -40°C to 85°C
• Storage Temperature Range: -40°C to 100°C
• Weight: 1 gm. maximum
• Case: 6 pin dual in line, filled epoxy
2DSC60-X0 Rev --



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com