Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C63 Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # C63
Description  1.0A, 60 Vdc Optically Isolated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

C63 Datasheet(HTML) 2 Page - Willow Technologies Ltd

  C63 Datasheet HTML 1Page - Willow Technologies Ltd C63 Datasheet HTML 2Page - Willow Technologies Ltd C63 Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
C63 Page 2
SPECIFICATIONS ARE UNDER REVISION CONTROL
© 2004 TELEDYNE RELAYS
2DSC63-10 Rev --
C63-10 Series
GENERAL SPECIFICATIONS
(+25°C ambient temperature unless otherwise specified)
ENVIRONMENTAL SPECIFICATION
Min
Max
Units
Operating Temperature
– 40
+85
°C
Storage Temperature
– 40
+100
°C
Junction Temperature @ 1A
+125
°C
Thermal Resistance θ
JA
125
°C/W
Dielectric Strength
1000
Vac
Insulation Resistance
(@500 Vdc)
109
Ohm
Input to Output Capacitance
5
pF
Resistance to
Soldering Heat
MIL STD 202, method 210
Solderability
MIL STD 202, method 208
Thermal Shock
MIL STD 202, method 107
FUNCTIONAL BLOCK DIAGRAM
Figure 3
*Shorted internally
**Series resistor required to limit input current to 20mA maximum
Figure 2
TYPICAL WIRING DIAGRAM
+IN (1)
INPUT
with
LEDs
–IN (3)
Optical
Isolation
Detection
Circuit
Switching
Circuit
Output Switch
(MOSFET)
with Current
Sense
+OUT (6)
–OUT (4)
LOAD
LOAD
*
*
6
5
4
1
2
3
Rs
**
MECHANICAL SPECIFICATION
Figure 1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com