Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC10FSM Datasheet(PDF) 91 Page - Teccor Electronics

Part # AC10FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC10FSM Datasheet(HTML) 91 Page - Teccor Electronics

Back Button AC10FSM Datasheet HTML 87Page - Teccor Electronics AC10FSM Datasheet HTML 88Page - Teccor Electronics AC10FSM Datasheet HTML 89Page - Teccor Electronics AC10FSM Datasheet HTML 90Page - Teccor Electronics AC10FSM Datasheet HTML 91Page - Teccor Electronics AC10FSM Datasheet HTML 92Page - Teccor Electronics AC10FSM Datasheet HTML 93Page - Teccor Electronics AC10FSM Datasheet HTML 94Page - Teccor Electronics AC10FSM Datasheet HTML 95Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 223 page
background image
©2002 Teccor Electronics
E9 - 5
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
Data Sheets
Sidac
Figure E9.9 Comparison of Sidac versus SCR for Gas Ignitor Circuit
Figure E9.10 Circuit (Low Voltage Input) for Gas Ignition
Figure E9.11 Typical High Pressure Sodium Lamp Firing Circuit
Figure E9.12 Xenon Lamp Flashing Circuit
Figure E9.13 Dynamic Holding Current Test Circuit for Sidacs
Figure E9.14 Basic Sidac Circuit
100-250 V ac
60 Hz
100-250 V ac
60 Hz
SCR
Sidac
4.7
µF
100 V
10
µF
50 V
24 V ac
60 Hz
4.7
µF
100 V
½ W
K1200E
Sidac
200 V
H.V.
Ignitor
1.2
µF
4.7 k
-
+
-
+
+
-
Sidac
120 V ac
60 Hz
16 mH
3.3 k
0.47
µF
400 V
Ballast
Sidac
220 V ac
60 Hz
7.5 k
0.22
µF
Ballast
Lamp
120 V ac
220 V ac
Lamp
-
+
+
-
Xenon Lamp
K2200G
10
µF
2 W
120 V ac
60 Hz
10
µF
450 V
4 kV
0.01
µF
400 V
20 M
Sidac
200-
400 V
100
250 V
Trigger
Transformer
20:1
100-250 V ac
60 Hz
Scope
Push to test
S1
Switch to test
in each direction
100
Ω
1%
Device
Under
Test
S1
Scope Indication
Trace Stops
IH
IPK
Load
100-250 V ac
60 Hz
IH
VBO
120-145˚
Conduction
Angle
IH
IH
Load Current
VBO
VBO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com