Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M52957 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M52957
Description  DISTANCE DETECTION SIGNAL PROCESSING FOR 3V SUPPLY VOLTAGE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52957 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M52957 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M52957 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M52957 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M52957 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M52957 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M52957 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M52957 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M52957 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M52957 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MITSUBISHI ICs (AV COMMON)
M52957FP
DISTANCE DETECTION SIGNAL PROCESSING FOR 3V SUPPLY VOLTAGE
2
ABSOLUTE MAXIMUM RATINGS (Ta=25˚C,unless otherwise noted)
Note 1. As a principle,do not provide a supply voltage reversely.
2. As a principle,do not provide the terminals with the voltage over supply voltage or under ground voltage.
ELECTRICAL CHARACTERISTICS (Ta=25˚C,Vcc=3.0V, unless otherwise noted)
Symbol
Parameter
Ratings
Unit
Remark
VCC
Supply voltage
7.0
V
note 1
Pd
Power dissipation
320
mW
Ta=25˚C
K
Thermal derating
-3.2
mW/ ˚C
Ta 25˚C
VIF
Pin supply voltage
7.0
V
Pin5,7,8,9,10,11
VI/O
Another pin supply voltage
-0.3 to VCC+0.3
V
note 2
Isout
Output pin inflow current
0.5
mA
NPN open collector
Topr
Operating temperature
-10 to 50
˚C
Tstg
Storage temperature
-40 to 125
˚C
Vsurge
Surge voltage
±200V over
C=200PF
R=0
Ω
Symbol
Classification
Parameter
Test conditions
Limits
Unit
Min.
Typ.
Max.
VCC
Operating supply
voltage range
2.2
3.0
5.5
V
ICC1
Consuming
current
Usual consuming current
-
5.9
7.7
mA
ICC2
While Rapid charge
consuming current 1
While CH rapid charge
consuming current
-
17.7
23.0
mA
ICC3
While Rapid charge
consuming current 2
While CH and CINT rapid charge
consuming current
-
19.0
24.7
mA
ICC4
While STAND BY consuming current
-
-
1.0
µA
VHOH
HOLD pin
HOLD "H" input voltage
1.1
-
7.0
V
VHOL
HOLD "L" input voltage
-0.3
-
0.3
V
IHOH
HOLD "H" input current
VIH=5.5V
-
-
1.0
µA
IHOL
HOLD "L" input current
VIL=0V
-100
-75
-50
µA
VINH
INT pin
INT "H" input voltage
1.1
-
7.0
V
VINL
INT "L" input voltage
-0.3
-
0.3
V
IINH
INT "H" input current
VIH=5.5V
-
-
1.0
µA
IINL
INT "L" input current
VIL=0V
-100
-75
-50
µA
VCLH
CLALV pin
CLALV "H" input voltage
1.1
-
7.0
V
VCLL
CLALV "L" input voltage
-0.3
-
0.3
V
ICLH
CLALV "H" input current
VIH=5.5V
-
-
1.0
µA
ICLL
CLALV "L" input current
VIL=0V
-100
-75
-50
µA
VREH
RESET pin
RESET "H" input voltage
1.1
-
7.0
V
VREL
RESET "L" input voltage
-0.3
-
0.3
V
IREH
RESET "H" input current
VIH=5.5V
-
-
1.0
µA
IREL
RESET "L" input current
VIL=0V
-100
-75
-50
µA
VSTH
STB pin
STB "H" input voltage
VCC
-0.3
-
7.0
V
VSTL
STB "L" input voltage
-0.3
-
0.3
V
ISTH
STB "H" input current
VIH=5.5V
-
-
3.0
µA
ISTL
STB "L" input current
VIL=0V
-150
-100
-50
µA
ICHQC
HOLD C
CH rapid charge current
IPSD=5
µA,
VCH=0V
-2000 -1000 -500
µA
ICHC
CH stationary charge current
VCH=0V
-30
-20
-10
µA
ICHD
CH stationary discharge current
VCH=1.5V
10
20
30
µA
≥



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com