Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC16ESM Datasheet(PDF) 41 Page - Teccor Electronics

Part # AC16ESM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16ESM Datasheet(HTML) 41 Page - Teccor Electronics

Back Button AC16ESM Datasheet HTML 37Page - Teccor Electronics AC16ESM Datasheet HTML 38Page - Teccor Electronics AC16ESM Datasheet HTML 39Page - Teccor Electronics AC16ESM Datasheet HTML 40Page - Teccor Electronics AC16ESM Datasheet HTML 41Page - Teccor Electronics AC16ESM Datasheet HTML 42Page - Teccor Electronics AC16ESM Datasheet HTML 43Page - Teccor Electronics AC16ESM Datasheet HTML 44Page - Teccor Electronics AC16ESM Datasheet HTML 45Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 223 page
background image
Data Sheets
Quadrac
©2002 Teccor Electronics
E3 - 3
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
(5) See Figure E3.6, Figure E3.7, and Figure E3.8 for current rating at
specific operating temperature.
(6) See Figure E3.2 and Figure E3.3 for test circuit.
(7)
∆VBO = [+ VBO] - [- VBO]
(8) See Figure E3.7 and Figure E3.8 for maximum allowable case
temperature at maximum rated current.
(9) Trigger firing capacitance = 0.1 µF with 0.1 µs rise time
(10) TC = TJ for test conditions in off state
(11) Maximum required value to ensure sufficient gate current
(12) See package outlines for lead form configurations. When ordering
special lead forming, add type number as suffix to part number.
Electrical Isolation
All Teccor isolated Quadrac packages withstand a minimum high
potential test of 2500 V ac rms from leads to mounting tab over
the operating temperature range of the device. The following iso-
lation table shows standard and optional isolation ratings.
* UL Recognized File #E71639
**For 4000 V isolation, use “V” suffix in part number.
IH
ITSM
dv/dt(c)
dv/dt
tgt
I2t
IGTM
di/dt
(1) (2)
mAmps
(4) (8)
Amps
(1) (5) (8)
Volts/µSec
(1)
Volts/µSec
(6) (9)
µSec
Amps2Sec
Amps
(9)
Amps/µSec
TC =
100 °C
TC =
125 °C
MAX
60/50Hz
MIN
MIN
TYP
40
55/46
3
75
50
3
12.5
1.2
50
40
55/46
3
75
50
3
12.5
1.2
50
40
55/46
3
50
50
3
12.5
1.2
50
50
80/65
4
150
100
3
26.5
1.5
70
50
80/65
4
150
100
3
26.5
1.5
70
50
80/65
4
125
85
3
26.5
1.5
70
50
80/65
25
575
450
3
26.5
1.5
70
50
80/65
25
425
350
3
26.5
1.5
70
60
100/83
4
175
120
3
41
1.5
70
60
100/83
4
175
120
3
41
1.5
70
60
100/83
4
150
100
3
41
1.5
70
60
100/83
25
575
450
3
41
1.5
70
60
100/83
25
425
350
3
41
1.5
70
60
120/100
4
200
150
3
60
1.5
70
60
120/100
4
200
150
3
60
1.5
70
60
120/100
4
175
120
3
60
1.5
70
60
120/100
30
925
700
3
60
1.5
70
60
120/100
30
775
600
3
60
1.5
70
70
200/167
4
300
200
3
166
1.5
100
70
200/167
4
300
200
3
166
1.5
100
70
200/167
4
200
150
3
166
1.5
100
70
200/167
30
925
700
3
166
1.5
100
70
200/167
30
775
600
3
166
1.5
100
Thermal Resistance (Steady State)
RθJC [RθJA] °C/W (TYP)
TYPE
Isolated TO-220
4A
3.6 [50]
6A
3.3
8A
2.8
10 A
2.6
15 A
2.1
Electrical Isolation
from Leads to Mounting Tab *
V AC RMS
TYPE
2500
Standard
4000
Optional **



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com