Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGC2-7011-36-1012-R Datasheet(PDF) 3 Page - Willow Technologies Ltd

Part # DGC2-7011-36-1012-R
Description  micro plug-in automotive relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DGC2-7011-36-1012-R Datasheet(HTML) 3 Page - Willow Technologies Ltd

  DGC2-7011-36-1012-R Datasheet HTML 1Page - Willow Technologies Ltd DGC2-7011-36-1012-R Datasheet HTML 2Page - Willow Technologies Ltd DGC2-7011-36-1012-R Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DGC2
micro plug-in automotive relay
American Electronic Components Inc., 1101 Lafayette St. Elkhart, IN46516
Page 3 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
Specifications are subject to change without notice. E&OE.
Ref: DGC2 042111JHM
Notes:
1: All parameters, unless otherwise specified, are measured at ambient temperature of 23ºC.
2: Electrical life obtained at resistive or inductive load at 40A, 15VDC with suitable arc suppression circuit attached and with operating
frequency of 1 op/sec.
3: Maximum make current refers to lamp load inrush current.
Overall Dimensions
Fig. 1
Dimensions in mm
Character area
3 (30)
4 (87a)
5 (87)
3
4
5
3
5
1 (86)
2 (85)
Coil
Diagram 1
Diagram 2
Diagram 3
Test Circuit Diagrams
(refer to Table 2, Ad-
ditional Contact Data,
on Page 2)
R
R
M
M
L



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com