Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGC2-7011-36-1024-R Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # DGC2-7011-36-1024-R
Description  micro plug-in automotive relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DGC2-7011-36-1024-R Datasheet(HTML) 2 Page - Willow Technologies Ltd

  DGC2-7011-36-1024-R Datasheet HTML 1Page - Willow Technologies Ltd DGC2-7011-36-1024-R Datasheet HTML 2Page - Willow Technologies Ltd DGC2-7011-36-1024-R Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DGC2
micro plug-in automotive relay
Ref: DGC2 042111JHM
Page 2 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
Ordering codes
Type
Contact
material
Contact
arrangement
Cover protec-
tion and
mounting
Coil code
Options
D
G
C
2
-
7
0
-
6
-
-
Contact material
70
-
AgSnOInO
see Table 1
Contact arrangement
11
-
SPDT (1 C/O, 1 Form C)
21
-
SPST-NO (1N/O, 1 Form A)
Cover protection category
3
-
in cover, sealed - IP67
7
-
in cover, dust cover - IP54
Connection mode
6
-
Flat Blades
Parallel Component Options
Nil
-
No option
R
-
Resistor (see Table 1 for values)
D
-
Diode (+85 / -86)
DR -
Diode reversed (-85 / + 86)
Coil Data
Table 1
Coil Voltage Code
Nominal Voltage
(VDC)
Coil Resistance
(Ω) ±10%
Must Operate Volt-
age Max. (VDC)
Must release volt-
age min. (VDC)
Parallel Resistor
(optional)
(Ω)
1012
12
124
7.2
1.2
680
1024
24
441
14.4
2.4
2720
* At ambient temperature of 85’C, maximum allowable voltage should be reduced by 28%
Additional Contact Data
Table 2
Nominal Voltage
VDC
Load Type
Current (A)
Test Circuit Diagram (see Page 3)
SPDT
SPST-NO
NO
NC
NO
12VDC
Res. 13VDC on/off
40
30
40
Diagram 1
13VDC
Motor
on
40
20
40
Diagram 2
off
20
10
20
13VDC
Lamp
on
120
40
120
Diagram 3
off
20
10
20
24VDC
Res. 27VDC on/off
30
20
30
Diagram 1
27VDC
Motor
on
38
28
38
Diagram 2
off
15
6
15
27VDC
Lamp
on
70
-
70
Diagram 3
off
7
-
7



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com