Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGC2-7021-76-1024-R Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # DGC2-7021-76-1024-R
Description  micro plug-in automotive relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DGC2-7021-76-1024-R Datasheet(HTML) 1 Page - Willow Technologies Ltd

  DGC2-7021-76-1024-R Datasheet HTML 1Page - Willow Technologies Ltd DGC2-7021-76-1024-R Datasheet HTML 2Page - Willow Technologies Ltd DGC2-7021-76-1024-R Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
DGC2
micro plug-in automotive relay
Contacts
Contact number & arrangement
SPST-NO (1 Form A); SPDT (1 Form C)
Contact material
AgSnOInO
Max. switching voltage
DC 27VDC
Min. switching current / voltage
100mA/12VDC
Rated load
DC1 40A/12VDC (Normally open); 20A/12VDC (Normally closed)
Max. continuous current
DC1 40A/12VDC (Normally open); 30A/12VDC (Normally closed)
Max. switching current
Make Normally open: 120A/13VDC :: Normally closed: 40A (lamp load)
Break 15A
Initial resistance
50mΩ, max. at 1A/24VDCVDC
Coil
Rated voltage
DC 12V, 24V
Must release voltage
≥0.1Un
Operating range of supply voltage
See coil table 1
Rated power consumption
DC 1.4W to 1.8W
Insulation
Insulation resistance
100MΩ at 500VDC, 50%RH
Dielectric strength
coil to contact 500Vrms, 1min
contact to contact 500Vrms, 1min
General Data
Operating time (typical)
mS 5
Release time (typical)
mS 5
Electrical Life
ops 1 x 105 (see Note 2)
Mechanical life
ops 1 x 107
Dimensions
L x W x H 24.8 x 15.4 x 22.9 mm (excluding terminals and lugs)
Weight
22g approx.
Ambient temperature
storage -40 to 155°C
operating -40 to 125°C
Shock resistance
Functional: 20g 11mS; Destructive: 100g
Vibration resistance
10-500Hz: 49m/s2 (5g)
• Industry Standard micro plug-in relay
• Up to 120A 12VDC inrush capability
• Lugs for secure socket mounting
• Cost effective
• RoHS Compliant
Ref: DGC2 042111JHM


Similar Part No. - DGC2-7021-76-1024-R

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DGC2 AEC-DGC2 Datasheet
281Kb / 3P
micro plug-in automotive relay
More results

Similar Description - DGC2-7021-76-1024-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HG4182 ETC1-HG4182 Datasheet
132Kb / 2P
MICRO AUTOMOTIVE PLUG IN /PCB POWER RELAY
logo
Picker Components
PC782 PICKER-PC782 Datasheet
171Kb / 2P
Micro Automotive Plug In / PCB Power Relay
PC782 PICKER-PC782_14 Datasheet
362Kb / 2P
Micro Automotive Plug In / PCB Power Relay
logo
American Electronic Com...
DG82 AEC-DG82 Datasheet
232Kb / 3P
micro plug-in/pcb automotive relay
DG84 AEC-DG84 Datasheet
269Kb / 3P
micro plug-in/pcb automotive relay
DGC2 AEC-DGC2 Datasheet
281Kb / 3P
micro plug-in automotive relay
logo
Picker Components
PC781 PICKER-PC781 Datasheet
444Kb / 2P
15 Amp Micro ISO 280 Automotive Plug-In Relay
PC783 PICKER-PC783 Datasheet
711Kb / 2P
35 Amp Micro ISO Automotive Plug In / PCB Relay
logo
Willow Technologies Ltd
DG82 WILLOW-DG82 Datasheet
232Kb / 3P
micro plug-in/pcb automotive relay
DG84 WILLOW-DG84 Datasheet
258Kb / 3P
micro plug-in/pcb automotive relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com