Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTE1908 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE1908
Description  Integrated Circuit Positive 3 Terminal Voltage Regulator, 24V, 100mA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1908 Datasheet(HTML) 2 Page - NTE Electronics

  NTE1908 Datasheet HTML 1Page - NTE Electronics NTE1908 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (VI = 33V, IO = 40mA, CI = 0.33µF, CO = 0.1µF,
0
° < TJ < +125°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Load Regulation
Regload TJ = +25°C
1mA
≤ IO ≤ 100mA
–
40
200
mV
1mA
≤ IO ≤ 40mA
–
20
100
mV
Input Bias Current
IIB
TJ = +25°C
–
3.1
6.5
mA
TJ = +125°C
–
–
6.0
mA
Input Bias Current Change
∆IIB
28V
≤ VI ≤ 38V
–
–
1.5
mA
1mA
≤ IO ≤ 40mA
–
–
0.2
mA
Output Noise Voltage
Vn
TA = +25°C, 10Hz ≤ f ≤ 100kHz
–
200
–
µV
Long–Term Stability
∆VO/∆t
–
56
–
mV/1kHrs
Ripple Rejection
RR
IO = 40mA, f = 120Hz, 29V ≤ VI ≤ 35V,
TJ = +25°C
30
43
–
dB
Input–Output Voltage
Differential
VI/VO
TJ = +25°C
–
1.7
–
V
VOUT
GND
VIN
.135 (3.45) Min
Seating Plane
.021 (.445) Dia Max
.210
(5.33)
Max
.500
(12.7)
Min
.050 (1.27)
.165 (4.2) Max
.105 (2.67) Max
.100 (2.54)
.105 (2.67) Max
.205 (5.2) Max



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com