Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0022281053 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0022281053
Description  KK 254 Breakaway Header, Right-Angle with Friction Lock, 5 Circuits, Tin (Sn) Plating
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0022281053 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0022281053_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0022281053_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 11/09/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0022281053
Status:
Active
Overview:
KK® Interconnect System - Molex
Description:
KK 254 Breakaway Header, Right-Angle with Friction Lock, 5 Circuits, Tin (Sn) Plating.
with Kinked PC Tails
Documents:
3D Model
Product Specification PS-10-07-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
42228
Application
Signal, Wire-to-Board
Application Tooling Part Link
11-20-1230
Overview
KK® Interconnect System - Molex
Product Name
KK 254
UPC
800753800526
Physical
Breakaway
Yes
Circuits (Loaded)
5
Circuits (maximum)
5
Color - Resin
Black
Durability (mating cycles max)
25
Flammability
94V-0
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Net Weight
0.739/g
Number of Rows
1
Orientation
Right Angle
PC Tail Length
3.05mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness - Recommended
1.60mm
Packaging Type
Bag
Pitch - Mating Interface
2.54mm
Plating min - Mating
2.540µm
Plating min - Termination
2.540µm
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Partial
Stackable
No
Temperature Range - Operating
See Product Specification
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
4.0A
Voltage - Maximum
500V
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
42228 Series
Mates With
KK Crimp Housing 2695 , 6471 , 7880 , KK
PC Board Connector 4455


Similar Part No. - 0022281053_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022281053 MOLEX2-0022281053 Datasheet
288Kb / 4P
2.54mm (.100) Pitch KK짰 Header, Breakaway, Right Angle, with Friction Lock, 5 Circuits, Tin (Sn) Plating. with Kinked PC Tails
More results

Similar Description - 0022281053_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022281050 MOLEX1-0022281050_17 Datasheet
47Kb / 2P
KK 254 Breakaway Header, Right-Angle with Friction Lock, 5 Circuits, Tin (Sn) Plating
0022281080 MOLEX1-0022281080_17 Datasheet
47Kb / 2P
KK 254 Breakaway Header, Right-Angle with Friction Lock, 8 Circuits, Tin (Sn) Plating
0022281020 MOLEX1-0022281020_17 Datasheet
47Kb / 2P
KK 254 Breakaway Header, Right-Angle with Friction Lock, 2 Circuits, Tin (Sn) Plating
0022281033 MOLEX1-0022281033_17 Datasheet
47Kb / 2P
KK 254 Breakaway Header, Right-Angle with Friction Lock, 3 Circuits, Tin (Sn) Plating
0022281056 MOLEX1-0022281056_17 Datasheet
47Kb / 2P
KK 254 Breakaway Header, Right-Angle with Friction Lock, 5 Circuits, Tin (Sn) Plating
0022281060 MOLEX1-0022281060_17 Datasheet
47Kb / 2P
KK 254 Breakaway Header, Right-Angle with Friction Lock, 6 Circuits, Tin (Sn) Plating
0022281063 MOLEX1-0022281063_17 Datasheet
47Kb / 2P
KK 254 Breakaway Header, Right-Angle with Friction Lock, 6 Circuits, Tin (Sn) Plating
0022281083 MOLEX1-0022281083_17 Datasheet
47Kb / 2P
KK 254 Breakaway Header, Right-Angle with Friction Lock, 8 Circuits, Tin (Sn) Plating
0022281086 MOLEX1-0022281086_17 Datasheet
47Kb / 2P
KK 254 Breakaway Header, Right-Angle with Friction Lock, 8 Circuits, Tin (Sn) Plating
0022281206 MOLEX1-0022281206_17 Datasheet
47Kb / 2P
KK 254 Breakaway Header, Right-Angle with Friction Lock, 20 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com