Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMF18A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SMF18A
Description  Surface Mount ESD Protection Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMF18A Datasheet(HTML) 2 Page - Vishay Siliconix

  SMF18A Datasheet HTML 1Page - Vishay Siliconix SMF18A Datasheet HTML 2Page - Vishay Siliconix SMF18A Datasheet HTML 3Page - Vishay Siliconix SMF18A Datasheet HTML 4Page - Vishay Siliconix SMF18A Datasheet HTML 5Page - Vishay Siliconix SMF18A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number 85811
Rev. 2.0, 29-Apr-05
SMF5V0A to SMF51A
Vishay Semiconductors
Electrical Characteristics
Ratings at 25 °C ambient temperature unless otherwise specified. VF = 3.5 V at IF = 12 A (uni-directional only)
1) Pulse test t
p ≤ 5.0 ms
2) Surge current waveform 10/1000
µs
3) All terms and symbols are consistent with ANSI/IEEE C62.35
Partnumber
Marking
Code
UNI
Breakdown
Voltage1)
Test Current
Stand-off
Voltage
Maximum
Reverse
Leakage
Maximum
Peak Pulse
Surge
Current 2,3)
Maximum
Clamping
Voltage
Junction
Capacitance
V(BR)
@ IT
VWM
@ VWM
ID
IPPM
@ IPPM
VC
Cj @
VR = 0 V,
f = 1 MHz
V
mA
V
µA
A
V
pF
min
typ
SMF5V0A
AE
6.40
10
5.0
400
21.7
9.2
1030
SMF6V0A
AG
6.67
10
6.0
400
19.4
10.3
1010
SMF6V5A
AK
7.22
10
6.5
250
17.9
11.2
850
SMF7V0A
AM
7.78
10
7.0
100
16.7
12.0
750
SMF7V5A
AP
8.33
1.0
7.5
50
15.5
12.9
730
SMF8V0A
AR
8.89
1.0
8.0
25
14.7
13.6
670
SMF8V5A
AT
9.44
1.0
8.5
10
13.9
14.4
660
SMF9V0A
AV
10.0
1.0
9.0
5.0
13.5
15.4
620
SMF10A
AX
11.1
1.0
10
2.5
11.8
17.0
570
SMF11A
AZ
12.2
1.0
11
2.5
11.0
18.2
460
SMF12A
BE
13.3
1.0
12
2.5
10.1
19.9
440
SMF13A
BG
14.4
1.0
13
1.0
9.3
21.5
420
SMF14A
BK
15.6
1.0
14
1.0
8.6
23.2
370
SMF15A
BM
16.7
1.0
15
1.0
8.2
24.4
350
SMF16A
BP
17.8
1.0
16
1.0
7.7
26.0
340
SMF17A
BR
18.9
1.0
17
1.0
7.2
27.6
310
SMF18A
BT
20.0
1.0
18
1.0
5.8
29.2
305
SMF20A
BV
22.2
1.0
20
1.0
6.2
32.4
207
SMF22A
BX
24.4
1.0
22
1.0
5.6
35.5
265
SMF24A
BZ
26.7
1.0
24
1.0
5.1
38.9
240
SMF26A
CE
28.9
1.0
26
1.0
4.8
42.1
225
SMF28A
CG
31.1
1.0
28
1.0
4.4
45.4
210
SMF30A
CK
33.3
1.0
30
1.0
4.1
48.4
205
SMF33A
CM
36.7
1.0
33
1.0
3.8
53.3
190
SMF36A
CP
40.0
1.0
36
1.0
3.4
58.1
180
SMF40A
CR
44.4
1.0
40
1.0
3.1
64.5
165
SMF43A
CT
47.8
1.0
43
1.0
2.9
69.4
160
SMF45A
CV
50.0
1.0
45
1.0
2.8
72.7
155
SMF48A
CX
53.3
1.0
48
1.0
2.6
77.4
150
SMF51A
CZ
56.7
1.0
51
1.0
2.4
82.4
145



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com