Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG82-2011-76-1006-R Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # DG82-2011-76-1006-R
Description  micro plug-in/pcb automotive relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG82-2011-76-1006-R Datasheet(HTML) 2 Page - Willow Technologies Ltd

  DG82-2011-76-1006-R Datasheet HTML 1Page - Willow Technologies Ltd DG82-2011-76-1006-R Datasheet HTML 2Page - Willow Technologies Ltd DG82-2011-76-1006-R Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ordering codes
Type
Contact
material
Contact
arrangement
Cover protec-
tion and
mounting
Coil code
Options
D
G
8
2
-
-
-
-
Contact material
10
-
AgCdO
See coil table 1
20
-
AgNi 90/10
70
-
AgSnOInO
80
-
AgNi 0.15
Contact arrangement
11
-
SPDT (1 C/O, 1 Form C)
21
-
SPST-NO (1N/O, 1 Form A)
Cover protection category
3
-
in cover, sealed - IP67
7
-
in cover, dust cover - IP54
Connection mode
5
-
for PCB
6
-
Flat Blades
Coil Options
Nil
-
UL Class F coil insulation
H
-
UL Class H insulation for higher ambient temperatures - consult factory.
Parallel Component Options
Nil
-
No option
R
-
Resistor (see Table 1 for values)
D
-
Diode (+85 / -86)
DR -
Diode reversed (-85 / + 86) - standard
BD
-
Bidirectional diode
DG82
micro plug-in/pcb automotive relay
Ref: DG82 102315JHM
Coil Data
Table 1
Coil Voltage
Code
Nominal
Voltage
(VDC)
Coil Resistance (Ω) ±10%
Must
Operate
Voltage
Max. (VDC)
Allowable Voltage (VDC)*
Must
release
voltage min.
(VDC)
Parallel
Resistor
(optional)
(Ω)
1 Form A
1 Form C
1 Form A
1 Form C
1006
6
32
25
3.6
10.4
9.2
0.6
170
1012
12
123
97
7.2
20.4
18.1
1.2
680
1024
24
483
384
14.4
40.4
36.0
2.4
2720
* At ambient temperature of 85’C, maximum allowable voltage should be reduced by 28%
Page 2 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
Specifications are liable to change without notice. E&OE
.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com