Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG82-1011-76-1012-R Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # DG82-1011-76-1012-R
Description  micro plug-in/pcb automotive relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG82-1011-76-1012-R Datasheet(HTML) 1 Page - Willow Technologies Ltd

  DG82-1011-76-1012-R Datasheet HTML 1Page - Willow Technologies Ltd DG82-1011-76-1012-R Datasheet HTML 2Page - Willow Technologies Ltd DG82-1011-76-1012-R Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
DG82
micro plug-in/pcb automotive relay
Contacts
Contact number & arrangement
SPST-NO (1 Form A); SPDT (1 Form C)
Contact material
AgNi0.15; AgNi90/10; AgSnOInO; AgCdO
Max. switching voltage
DC 16VDC (current dependent - see Fig 3)
Rated load (max. continuous current)
DC1 40A/12VDC (Normally open); 30A/12VDC (Normally closed)
Max. switching current3
Make 90A (120A:AgSnOInO) (Normally open); 45A (Normally closed)
Break 40A (Normally open contact) / 30A (Normally closed contact)
Minimum load
AgNi0.15: 0.1A/12VDC, AgSnOInO: 05A/12VDC
Initial resistance
50mΩ, max. at 0.1A/6VDC
Coil
Rated voltage
DC 6...24V
Must release voltage
≥0.1Un
Operating range of supply voltage
See coil table 1
Rated power consumption
DC Approx. 1.2W (SPST-NO) / 1.5W (SPDT); 1.81W with resistor
Insulation
Insulation resistance
100MΩ at 500VDC, 50%RH
Dielectric strength
coil to contact 500Vrms, 1min
contact to contact 500Vrms, 1min
General Data
Operating time (typical)
ms 9
Release time (typical)
ms 7
Electrical Life2
ops 2 x 105
Mechanical life
ops 1 x 107
Dimensions
L x W x H 23.5 x 15.7 x 26.0 mm (excluding terminals)
Weight
Plug-in: 21g / PCB: 19g approx.
Ambient temperature
storage -40 to 155°C
operating -40 to 125°C (Derate above 85°C - consult factory)
Shock resistance
Functional: 20g 11ms; Destructive: 100g
Vibration resistance
DA 1.27mm 10-40Hz / 40-70Hz:5g / DA 0.5mm 100-500Hz: 10g
• Industry Standard micro-ISO plug-in relay
• Up to 120A 12VDC inrush capability
• PCB Mounting option
• Cost effective
• RoHS Compliant
Ref: DG82 102315JHM
Specifications are liable to change without notice. E&OE
.


Similar Part No. - DG82-1011-76-1012-R

ManufacturerPart #DatasheetDescription
logo
Solid State Supplies.
DG82-2011-35-1006 DURAKOOL-DG82-2011-35-1006 Datasheet
385Kb / 2P
Micro Plug-in / PCB Automotive Relay
DG82-2011-35-1012 DURAKOOL-DG82-2011-35-1012 Datasheet
385Kb / 2P
Micro Plug-in / PCB Automotive Relay
DG82-2011-35-1024 DURAKOOL-DG82-2011-35-1024 Datasheet
385Kb / 2P
Micro Plug-in / PCB Automotive Relay
DG82-2011-36-1006 DURAKOOL-DG82-2011-36-1006 Datasheet
385Kb / 2P
Micro Plug-in / PCB Automotive Relay
DG82-2011-36-1012 DURAKOOL-DG82-2011-36-1012 Datasheet
385Kb / 2P
Micro Plug-in / PCB Automotive Relay
More results

Similar Description - DG82-1011-76-1012-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HG4182 ETC1-HG4182 Datasheet
132Kb / 2P
MICRO AUTOMOTIVE PLUG IN /PCB POWER RELAY
logo
Picker Components
PC782 PICKER-PC782 Datasheet
171Kb / 2P
Micro Automotive Plug In / PCB Power Relay
logo
DB Lectro Inc
HG4185A DBLECTRO-HG4185A Datasheet
179Kb / 4P
Automotive Plug-In / PCB Power Relay
logo
Picker Components
PC782 PICKER-PC782_14 Datasheet
362Kb / 2P
Micro Automotive Plug In / PCB Power Relay
logo
American Electronic Com...
DG82 AEC-DG82 Datasheet
232Kb / 3P
micro plug-in/pcb automotive relay
DG84 AEC-DG84 Datasheet
269Kb / 3P
micro plug-in/pcb automotive relay
DGC2 AEC-DGC2 Datasheet
281Kb / 3P
micro plug-in automotive relay
logo
Picker Components
PC783 PICKER-PC783 Datasheet
711Kb / 2P
35 Amp Micro ISO Automotive Plug In / PCB Relay
logo
Willow Technologies Ltd
DG84 WILLOW-DG84 Datasheet
258Kb / 3P
micro plug-in/pcb automotive relay
DGC2 WILLOW-DGC2 Datasheet
281Kb / 3P
micro plug-in automotive relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com