Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3680 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STG3680
Description  LOW VOLTAGE 0.5/0.8ΩMAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3680 Datasheet(HTML) 3 Page - STMicroelectronics

  STG3680 Datasheet HTML 1Page - STMicroelectronics STG3680 Datasheet HTML 2Page - STMicroelectronics STG3680 Datasheet HTML 3Page - STMicroelectronics STG3680 Datasheet HTML 4Page - STMicroelectronics STG3680 Datasheet HTML 5Page - STMicroelectronics STG3680 Datasheet HTML 6Page - STMicroelectronics STG3680 Datasheet HTML 7Page - STMicroelectronics STG3680 Datasheet HTML 8Page - STMicroelectronics STG3680 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
STG3680
3/11
Table 5: DC Specifications
Note 1: Guaranteed by design
Note 2:
∆R
ON =RON(MAX) -RON(MIN).
Note 3: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the specified
analog signal ranges.
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
TA =25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High Level
Input Voltage
1.65-1.95
0.65VCC
0.65VCC
0.65VCC
V
2.3-2.5
1.4
1.4
1.4
2.7-3.0
1.4
1.4
1.4
3.3
1.5
1.5
1.5
3.6
1.7
1.7
1.7
4.3
2.2
2.2
2.2
VIL
Low Level
Input Voltage
1.65-1.95
0.40
0.40
0.40
V
2.3-2.5
0.50
0.50
0.50
2.7-3.6
0.50
0.50
0.50
3.3
0.50
0.50
0.50
3.6
0.50
0.50
0.50
4.3
1.3
1.3
1.3
RON-S1 Switch
ON-S1
Resistance
(1)
4.3
VS=0V to VCC
IS=100mA
0.80
0.80
3.0
0.80
0.80
2.7
0.80
0.80
2.3
2
2
1.8
4.0
5.0
1.65
4.0
5.0
RON-S2 Switch
ON-S2
Resistance
(1)
4.3
VS=0V to VCC
IS=100mA
0.40
0.50
0.60
3.0
0.40
0.50
0.60
2.7
0.40
0.50
0.60
2.3
0.50
0.80
0.80
1.8
0.70
3.0
4.0
1.65
0.80
3.0
4.0
∆R
ON
ON Resist.
Match
between
channels
(1, 2)
2.7
VS=1.5V
IS=100mA
0.06
RFLAT ON
Resistance
FLATNESS
(3)
4.3
VS=1.5V
IS=100mA
3.0
2.7
0.07
0.15
0.15
2.3
1.65
VS=0.8V
IS=100mA
IOFF
OFF State
Leakage
Current
(nSn), (Dn)
4.3
VS=0.3 or 4V
±10
± 100
nA
IIN
Input Leak.
Current
0- 4.3
VIN=0 to 3.6V
±0.1
± 1
µA
ICC
Quiescent
Supply
Current (1)
1.65-4.3
VIN=VCC or
GND
±0.05
±0.2
±1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com