Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB152S Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # DB152S
Description  Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

DB152S Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  DB152S Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd DB152S Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd DB152S Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd DB152S Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DB151S THRU DB157S 
 
2 / 4
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S011
Rev. 2.1, 28-Apr-14
www.21yangjie.com
■Thermal Characteristics (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL UNIT
DB151S
DB152S
DB153S
DB154S
DB155S
DB156S
DB157S
Thermal
Resistance
Between junction
and ambient,
On glass-epoxi
substrate
RθJ-A
℃
/W
68
Between junction
and lead
RθJ-L
15
■Ordering Information (Example)
PREFERED P/N
PACKING
CODE
UNIT WEIGHT(g)
MINIIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY MODE
DB151S~DB157S
B1
Approximate 0.34
50
5000
20000
TUBE
DB151S~DB157S
F1
Approximate 0.34
1500
3000
21000
REEL
■ Characteristics(Typical)
`
0
0
0.4
FIG1:Io-TaCurve
160
sine wave R-load
free in air
40
80
120
0.8
1.2
1.6
2.0
2.4
Case Temperature(℃)
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.02
0.05
FIG3: Forward Voltage
0.1
1
2
4
6
0.5
Ta=25℃
Instantaneous Forward Voltage (V)
020
40
60
80
100
0.01
0.1
1.0
10
100
Tj=150℃
Tj=25℃
FIG4:Typical Reverse Characteristics
Peracent Of Rated Peak Reverse Volage (%)
1
0
图2:耐正向浪涌电流曲线
2
5
10
20
50
100
10
正弦波
sine wave
不重复
non-repetitive
Tj=25℃
FIG2:Surge Forward Current Capadility
Number of Cycles
0
8.3ms
1cycle
8.3ms
20
40
50
60
70
80



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com