Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR1Q7 Datasheet(PDF) 64 Page - STMicroelectronics

Part # ST92F120JR1Q7
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR1Q7 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button ST92F120JR1Q7 Datasheet HTML 60Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 61Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 62Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 63Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 64Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 65Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 66Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 67Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 324 page
background image
64/324
ST92F120 - REGISTER AND MEMORY MAP
25
SCI1
R240
RDCPR1
Receiver DMA Transaction Counter Pointer
xx
194
R241
RDAPR1
Receiver DMA Source Address Pointer
xx
194
R242
TDCPR1
Transmitter DMA Transaction Counter Pointer
xx
194
R243
TDAPR1
Transmitter DMA Destination Address Pointer
xx
194
R244
S_IVR1
Interrupt Vector Register
xx
196
R245
ACR1
Address/Data Compare Register
xx
196
R246
IMR1
Interrupt Mask Register
x0
196
R247
S_ISR1
Interrupt Status Register
xx
196
R248
RXBR1
Receive Buffer Register
xx
198
R248
TXBR1
Transmitter Buffer Register
xx
198
R249
IDPR1
Interrupt/DMA Priority Register
xx
199
R250
CHCR1
Character Configuration Register
xx
200
R251
CCR1
Clock Configuration Register
00
201
R252
BRGHR1
Baud Rate Generator High Reg.
xx
202
R253
BRGLR1
Baud Rate Generator Low Register
xx
202
R254
SICR1
Synchronous Input Control
03
202
R255
SOCR1
Synchronous Output Control
01
203
28
EFT0
R240
IC1HR0
Input Capture 1 High Register
xx
147
R241
IC1LR0
Input Capture 1 Low Register
xx
147
R242
IC2HR0
Input Capture 2 High Register
xx
147
R243
IC2LR0
Input Capture 2 Low Register
xx
147
R244
CHR0
Counter High Register
FF
148
R245
CLR0
Counter Low Register
FC
148
R246
ACHR0
Alternate Counter High Register
FF
148
R247
ACLR0
Alternate Counter Low Register
FC
148
R248
OC1HR0
Output Compare 1 High Register
80
149
R249
OC1LR0
Output Compare 1 Low Register
00
149
R250
OC2HR0
Output Compare 2 High Register
80
149
R251
OC2LR0
Output Compare 2 Low Register
00
149
R252
CR1_0
Control Register 1
00
151
R253
CR2_0
Control Register 2
00
151
R254
SR0
Status Register
00
151
R255
CR3_0
Control Register 3
00
151
Page
(Dec)
Block
Reg.
No.
Register
Name
Description
Reset
Value
Hex.
Doc.
Page
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com