Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR1Q7 Datasheet(PDF) 206 Page - STMicroelectronics

Part # ST92F120JR1Q7
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR1Q7 Datasheet(HTML) 206 Page - STMicroelectronics

Back Button ST92F120JR1Q7 Datasheet HTML 202Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 203Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 204Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 205Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 206Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 207Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 208Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 209Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 210Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 324 page
background image
206/324
SERIAL PERIPHERAL INTERFACE (SPI)
SERIAL PERIPHERAL INTERFACE (Cont’d)
10.6.4 Functional Description
Figure 2 shows the serial peripheral interface
(SPI) block diagram.
This interface contains 4 dedicated registers:
– A Control Register (SPCR)
– A Prescaler Register (SPPR)
– A Status Register (SPSR)
– A Data Register (SPDR)
Refer to the SPCR, SPPR, SPSR and SPDR reg-
isters in Section 0.1.6 for the bit definitions.
10.6.4.1 Master Configuration
In a master configuration, the serial clock is gener-
ated on the SCK pin.
Procedure
– Define the serial clock baud rate by setting/re-
setting the DIV2 bit of SPPR register, by writ-
ing a prescaler value in the SPPR register and
programming the SPR0 & SPR1 bits in the
SPCR register.
– Select the CPOL and CPHA bits to define one
of the four relationships between the data
transfer and the serial clock (see Figure 4).
–The SS pin must be connected to a high level
signal during the complete byte transmit se-
quence.
– The MSTR and SPOE bits must be set (they
remain set only if the SS pin is connected to a
high level signal).
In this configuration the MOSI pin is a data output
and the MISO pin is a data input.
Transmit Sequence
The transmit sequence begins when a byte is writ-
ten the SPDR register.
The data byte is parallel loaded into the 8-bit shift
register (from the internal bus) during a write cycle
and then shifted out serially to the MOSI pin most
significant bit first.
When data transfer is complete:
– The SPIF bit is set by hardware
– An interrupt is generated if the SPIS and SPIE
bits are set.
During the last clock cycle the SPIF bit is set, a
copy of the data byte received in the shift register
is moved to a buffer. When the SPDR register is
read, the SPI peripheral returns this buffered val-
ue.
Clearing the SPIF bit is performed by the following
software sequence:
1. An access to the SPSR register while the SPIF
bit is set
2. A read of the SPDR register.
Note: While the SPIF bit is set, all writes to the
SPDR register are inhibited until the SPSR regis-
ter is read.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com