Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR1Q7 Datasheet(PDF) 213 Page - STMicroelectronics

Part # ST92F120JR1Q7
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR1Q7 Datasheet(HTML) 213 Page - STMicroelectronics

Back Button ST92F120JR1Q7 Datasheet HTML 209Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 210Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 211Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 212Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 213Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 214Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 215Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 216Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 217Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 324 page
background image
213/324
SERIAL PERIPHERAL INTERFACE (SPI)
SERIAL PERIPHERAL INTERFACE (Cont’d)
10.6.5 Interrupt Management
The interrupt of the Serial Peripheral Interface is
mapped on one of the eight External Interrupt
Channels of the microcontroller (refer to the “Inter-
rupts” chapter).
Each External Interrupt Channel has:
– A trigger control bit in the EITR register (R242 -
Page 0),
– A pending bit in the EIPR register (R243 -
Page0),
– A mask bit in the EIMR register (R244 - Page 0).
Program the interrupt priority level using the EI-
PLR register (R245 - Page 0). For a description of
these registers refer to the “Interrupts” and “DMA”
chapters.
To use the interrupt feature, perform the following
sequence:
– Set the priority level of the interrupt channel used
for the SPI (EIPRL register)
– Select the interrupt trigger edge as rising edge
(set the corresponding bit in the EITR register)
– Set the SPIS bit of the SPCR register to select
the peripheral interrupt source
– Set the SPIE bit of the SPCR register to enable
the peripheral to perform interrupt requests
– In the EIPR register, reset the pending bit of the
interrupt channel used by the SPI interrupt to
avoid any spurious interrupt requests being per-
formed when the mask bit is set
– Set the mask bit of the interrupt channel used to
enable the MCU to acknowledge the interrupt re-
quests of the peripheral.
Note: In the interrupt routine, reset the related
pending bit to avoid the interrupt request that was
just acknowledged being proposed again.
Then, after resetting the pending bit and before
the IRET instruction, check if the SPIF and MODF
interrupt flags in the SPSR register) are reset; oth-
erwise jump to the beginning of the routine. If, on
return from an interrupt routine, the pending bit is
reset while one of the interrupt flags is set, no in-
terrupt is performed on that channel until the flags
are set. A new interrupt request is performed only
when a flag is set with the other not set.
10.6.5.1 Register Map
Depending on the device, one or two Serial Pe-
ripheral interfaces can be present. The previous
table summarizes the position of the registers of
the two peripherals in the register map of the mi-
crocontroller.
Address
Page
Name
SPI0
R240 (F0h)
7
DR0
R241 (F1h)
7
CR0
R242 (F2h)
7
SR0
R243 (F3h)
7
PR0
SPI1
R248 (F8h)
7
DR1
R249 (F9h)
7
CR1
R250 (FAh)
7
SR1
R251 (FBh)
7
PR1
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com